Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC37501 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. MIC37501
Description  5A, Low Voltage μCap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC37501 Datasheet(HTML) 6 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC37501/37502
May 2011
6
M9999-050511-B
0
0.02
0.04
0.06
0.08
0.10
0.12
01234
5
INPUT VOLTAGE (V)
Ground Current
vs. Supply (2.5V)
2.5A
5A
0
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
01234
5
INPUT VOLTAGE (V)
Ground Current
vs. Supply (3.3V)
100mA
10mA
0
20
40
60
80
100
120
01234
5
INPUT VOLTAGE (V)
Ground Current
vs. Supply (3.3V)
2.5A
5A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
100m A
10m A
0
10
20
30
40
50
60
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
2.5A
1A
5A
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
2.25
3
3.75
4.5
5.25
6
SUPPLY VOLTAGE (V)
Short Circuit Current
vs. Suppl Voltage
0
1
2
3
4
5
6
7
8
9
10
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
0
1
2
3
4
5
6
)
V
IN =5V
Flag High (OK)
Flag Low (FAULT)
0.01 0.1
1
10
1k
100
10k
Error Flag Pull-Up Resistor
0
2
4
6
8
10
12
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (
°C)
Enable Current
vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn