Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL31ZG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EL31ZG
Description  D FLIP-FLOP WITH SET AND RESET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL31ZG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EL31ZG Datasheet HTML 1Page - Micrel Semiconductor SY100EL31ZG Datasheet HTML 2Page - Micrel Semiconductor SY100EL31ZG Datasheet HTML 3Page - Micrel Semiconductor SY100EL31ZG Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10EL31
SY100EL31
Micrel, Inc.
M9999-120705
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle
20
2.5
2.2
2.8
2.2
2.8
2.2
2.8
GHz
Frequency
tPD
Propagation Delay to
ps
Output
CLK
315
465
630
365
465
580
375
475
590
430
530
645
S, R
295
455
630
345
455
580
355
465
590
400
510
645
tS
Set-up Time
150
0
150
0
150
0
150
0
ps
tH
Hold Time
250
100
250
100
250
100
250
100
ps
tRR
Set/Reset Recovery
400
200
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
400
400
400
400
ps
CLK, Set, Reset
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
27
32
18
27
32
18
27
32
18
27
32
100EL
27
32
18
27
32
18
27
32
21
31
37
VEE
Power Supply Voltage
V
10EL
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
150
150
150
150
µA
VEE = VEE (Min.) to VEE (Max.); VCC = GND


Similar Part No. - SY100EL31ZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL31ZC MICREL-SY100EL31ZC Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY100EL31ZCTR MICREL-SY100EL31ZCTR Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY100EL31ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com