Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM802120 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SM802120
Description  ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802120 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SM802120 Datasheet HTML 1Page - Micrel Semiconductor SM802120 Datasheet HTML 2Page - Micrel Semiconductor SM802120 Datasheet HTML 3Page - Micrel Semiconductor SM802120 Datasheet HTML 4Page - Micrel Semiconductor SM802120 Datasheet HTML 5Page - Micrel Semiconductor SM802120 Datasheet HTML 6Page - Micrel Semiconductor SM802120 Datasheet HTML 7Page - Micrel Semiconductor SM802120 Datasheet HTML 8Page - Micrel Semiconductor SM802120 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SM802120
September 2011
3
M9999-092911-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
25, 26
28, 29
32, 33
35, 36
/Q1, Q1
/Q2, Q2
/Q3, Q3
/Q4, Q4
O, (DIF)
LVDS
Differential Clock Outputs from Bank 1
125MHz
41, 42
1, 2
/Q5, Q5
/Q6, Q6
O, (DIF)
LVDS
Differential Clock Outputs from Bank 2
125MHz
4, 5
7, 8
/Q7, Q7
/Q8, Q8
O, (DIF)
HCSL
Differential Clock Outputs from Bank 2
125MHz
31, 37, 38
VDDO1
PWR
Power Supply for the Outputs on Bank 1
43, 44, 16
VDDO2
PWR
Power Supply for the Outputs on Bank 2
24, 39
VSSO1
PWR
Power Supply Ground for the Outputs on Bank
1
3, 6, 40
VSSO2
PWR
Power Supply Ground for the Outputs on Bank
2
10, 11, 14, 17, 20,
27, 30, 34
TEST
Factory Test Pins. Do not connect anything to
these pins.
12, 13
VDD
PWR
Core Power Supply
9, 21, 23
VSS
(Exposed Pad)
PWR
Core Power Supply Ground. The exposed pad
must be connected to the VSS ground plane.
18
XTAL_IN
I, (SE)
Crystal
Crystal Reference Input, no load caps needed.
See Fig. 7.
19
XTAL_OUT
O, (SE)
Crystal
Crystal Reference Output, no load caps
needed.
See Fig. 7.
15
OE1
I, (SE)
LVCMOS
Output Enable, Q1-Q4 disables to tri-state,
0 = Disabled, 1 = Enabled, 45KΩ pull-up
22
OE2
I, (SE)
LVCMOS
Output Enable, Q5-Q8 disables to tri-state,
0 = Disabled, 1 = Enabled, 45KΩ pull-up
Truth Table
OE1/2
OUTPUTS
0
Tri-state
1
HCSL / LVDS


Similar Part No. - SM802120

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMG MICREL-SM802121UMG Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMGTR MICREL-SM802121UMGTR Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802123UMG MICREL-SM802123UMG Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
More results

Similar Description - SM802120

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
logo
Microchip Technology
MX573EBB125M000 MICROCHIP-MX573EBB125M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 125MHz LVDS XO
June 26, 2019 Revision 1.0
logo
Micrel Semiconductor
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
PL607041 MICREL-PL607041 Datasheet
565Kb / 11P
   ClockWorks짰 PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com