Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP425L90 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # FP425L90
Description  Differential Magneto Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FP425L90 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  FP425L90 Datasheet HTML 1Page - Siemens Semiconductor Group FP425L90 Datasheet HTML 2Page - Siemens Semiconductor Group FP425L90 Datasheet HTML 3Page - Siemens Semiconductor Group FP425L90 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
07.96
Differential Magneto Resistor
FP 425 L 90
Dimensions in mm
Features
• Double differential magneto resistor on one carrier
• Accurate intercenter spacing
• High operating temperature range
• High output voltage
• Compact construction
• Available in strip form for automatic assembly
• Optimized intercenter spacing on modules
m = 0.5 mm
• Reduced temperature dependence of offset
voltage
Typical applications
• Incremental angular encoders
• Detection of sense of rotation
• Detection of speed
• Detection of position


Similar Part No. - FP425L90

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP4200GM KNIGHTSBRIDGE-FP4200GM Datasheet
173Kb / 1P
   10AX 6G 2-way Switch - Gunmetal
12/04/2024
FP4200PL KNIGHTSBRIDGE-FP4200PL Datasheet
179Kb / 1P
   10AX 6G 2-way Switch - Pearl
12/04/2024
logo
Siemens Semiconductor G...
FP420L90 SIEMENS-FP420L90 Datasheet
206Kb / 4P
   Double Differential Magneto Resistor
More results

Similar Description - FP425L90

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP412D250 SIEMENS-FP412D250 Datasheet
201Kb / 3P
   Differential Magneto Resistor
FP412L100 SIEMENS-FP412L100 Datasheet
188Kb / 3P
   Differential Magneto Resistor
FP410L SIEMENS-FP410L Datasheet
201Kb / 4P
   Double Differential Magneto Resistor
FP420L90 SIEMENS-FP420L90 Datasheet
206Kb / 4P
   Double Differential Magneto Resistor
logo
Fujitsu Component Limit...
MCE3130AP FUJITSU-MCE3130AP Datasheet
740Kb / 2P
   Magneto-Optical Drives
logo
Mallory performance clu...
53SERIES MALLORY-53SERIES Datasheet
39Kb / 1P
   MAGNETO IGNITION SYSTEM
logo
Fujitsu Component Limit...
MCC3064SS FUJITSU-MCC3064SS Datasheet
40Kb / 2P
   Magneto-Optical Drives
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
   Magneto-Resistance Element
logo
Fujitsu Component Limit...
MCE3064SS FUJITSU-MCE3064SS Datasheet
50Kb / 2P
   Magneto-Optical Drives
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
   Giant Magneto Resistive Position Sensor
1999-04-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com