Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL34 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EL34
Description  5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL34 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EL34 Datasheet HTML 1Page - Micrel Semiconductor SY10EL34 Datasheet HTML 2Page - Micrel Semiconductor SY10EL34 Datasheet HTML 3Page - Micrel Semiconductor SY10EL34 Datasheet HTML 4Page - Micrel Semiconductor SY10EL34 Datasheet HTML 5Page - Micrel Semiconductor SY10EL34 Datasheet HTML 6Page - Micrel Semiconductor SY10EL34 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Micrel, Inc.
Precision Edge
®
SY10EL34/L
SY100EL34/L
December 2011
6
M9999-120611-I
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(1) (Continued)
VEE = VEE (minimum) to VEE (maximum); VCC = GND.
Symbol
Parameter
Min.
Typ.
Max.
Units
TA = +85°C
tPD
Propagation Delay to Output
ps
CLK
960
1100
1200
MR
650
800
1010
tSKEW
Within-Device Skew
50
ps
tS
Set-Up Time ( EN )
400
ps
tH
Hold Time ( EN )
200
ps
VPP
Minimum Input Swing
(3)
250
mV
VCMR
Common-Mode Range
(4)
−1.4
−0.4
V
tr
tf
Output Rise/Fall Times
Q (20%
− 80%)
275
400
525
ps
Notes:
1.
Parametric values specified at:
5V Power Supply Range:
100EL34 Series:
−4.2V to −5.5V
10EL34 Series:
−4.75V to −5.5V
3V Power Supply Range:
10/100EL34L Series:
−3.0V to −3.8V
2.
Skew is measured between outputs under identical transitions.
3.
Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
4.
The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the
specified range and the peak-to-peak voltage lies between VPP minimum and 1V. The lower end of the CMR range varies 1:1 with VEE. The
numbers in the specification table assume a nominal VEE = −3.3V. Note for PECL operation, the VCMR(MIN) will be fixed at 3.3V − IVCMR(MIN)I.
Truth Table
CLK
EN
MR
Function
Z
L
L
Divide
ZZ
H
L
Hold Q0−2
X
X
H
Reset Q0−2
Notes
:
Z = LOW-to-HIGH transition
ZZ = HIGH-to-LOW transition


Similar Part No. - SY10EL34

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34L MICREL-SY10EL34L Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZC MICREL-SY10EL34LZC Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZC MICREL-SY10EL34LZC Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
More results

Similar Description - SY10EL34

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com