Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP16VKG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EP16VKG
Description  5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP16VKG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EP16VKG Datasheet HTML 1Page - Micrel Semiconductor SY10EP16VKG Datasheet HTML 2Page - Micrel Semiconductor SY10EP16VKG Datasheet HTML 3Page - Micrel Semiconductor SY10EP16VKG Datasheet HTML 4Page - Micrel Semiconductor SY10EP16VKG Datasheet HTML 5Page - Micrel Semiconductor SY10EP16VKG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ECL Pro™
SY10EP16V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
D, /D
ECL Data Inputs
Q, /Q
ECL Data Outputs
VBB
Reference Voltage Output
VCC
Positive Power Supply
VEE
Negative Power Supply
DESCRIPTION
■ Faster version of the SY10EL16V
■ Guaranteed AC performance over temperature and
supply voltage:
– DC to 3GHz clock throughput
– <180ps tr/ft time
■ Internal 75kinput pulldown resistor
■ Improved output waveform characteristics
■ 10K ECL compatible I/O
■ Available in small 8-pin (3mm) MSOP and SOIC
packages
The SY10EP16V is a high-speed differential receiver.
The device is functionally equivalent to the EL16V
devices, with higher performance capabilities. With output
transition times significantly faster than the EL16V, the
SY10EP16V is ideally suited for interfacing with high-
frequency sources.
The SY10EP16V provides a VBB output for either
single-ended use or as a DC bias for AC coupling to the
device. The VBB pin should be used only as a bias for
the SY10EP16V as its current sink/source capability is
limited. Whenever used, the VBB pin should be bypassed
to the most positive supply voltage (VCC for LVPECL)
applications) via a 0.01µF capacitor.
Under open input conditions (pulled to VEE), internal
input clamps will force the Q output LOW.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FEATURES
5V/3.3V HIGH-SPEED
DIFFERENTIAL RECEIVER
PIN NAMES
ECL Pro™
SY10EP16V
ECL Pro™
ECL Pro is a trademark of Micrel, Inc.
Rev.: D
Amendment: /0
Issue Date:
November 2005


Similar Part No. - SY10EP16VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
More results

Similar Description - SY10EP16VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com