Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10ELT22LZG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10ELT22LZG
Description  3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10ELT22LZG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10ELT22LZG Datasheet HTML 1Page - Micrel Semiconductor SY10ELT22LZG Datasheet HTML 2Page - Micrel Semiconductor SY10ELT22LZG Datasheet HTML 3Page - Micrel Semiconductor SY10ELT22LZG Datasheet HTML 4Page - Micrel Semiconductor SY10ELT22LZG Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10ELT22L
SY100ELT22L
Micrel, Inc.
M9999-052108
hbwhelp@micrel.com or (408) 955-1690
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min. Max.
Min. Max. Min. Max.
Min. Max. Unit
Condition
ICC
Power Supply Current
25
25
25
25
mA
TRUTH TABLE
DQ
Q
HH
L
LL
H
Open
H
L
DC ELECTRICAL CHARACTERISTICS(1)
VCC = +3.0V to +3.8V
NOTE:
1. Parametric values specified at:
3 volt Power Supply Range
10/100ELT22L Series: +3.0V to +3.8V.
Symbol
Paramter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VI
TTL Input Voltage
–0.5 to VCC
V
II
TTL Input Current
–30 to +5.0
mA
IOUT
PECL Output Current
mA
— Continuous
50
— Surge
100
TLEAD
Lead Temperature
+260
°C
(soldering, 20sec.)
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if absolute maximum ratings are
exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to absolute maximum ratlng conditions for
extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TTL DC ELECTRICAL CHARACTERISTICS(1)
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IIH
Input HIGH Current
20
20
20
20
µAVIN = 2.7V
100
100
100
100
VIN = VCC
IIL
Input LOW Current
–0.2
–0.2
–0.2
–0.2
mA
VIN = 0.5V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
–1.2
V
IIN = –18mA
VCC = +3.0V to +3.8V
NOTE:
1. Parametric values specified at:
3 volt Power Supply Range
10/100ELT22L Series: +3.0V to +3.8V.


Similar Part No. - SY10ELT22LZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT22LZG MICREL-SY10ELT22LZG Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZGTR MICREL-SY10ELT22LZGTR Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY10ELT22LZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT22L MICREL-SY10ELT22L Datasheet
51Kb / 4P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com