Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT22ZITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100ELT22ZITR
Description  DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT22ZITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100ELT22ZITR Datasheet HTML 1Page - Micrel Semiconductor SY100ELT22ZITR Datasheet HTML 2Page - Micrel Semiconductor SY100ELT22ZITR Datasheet HTML 3Page - Micrel Semiconductor SY100ELT22ZITR Datasheet HTML 4Page - Micrel Semiconductor SY100ELT22ZITR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY10ELT22
SY100ELT22
Micrel, Inc.
M9999-052108
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
Qn
Differential PECL Outputs
Dn
TTL Inputs
VCC
+5.0V Supply
GND
Ground
DESCRIPTION
s 300ps typical propagation delay
s <100ps output-to-output skew
s Differential PECL outputs
s PNP TTL inputs for minimal loading
s Flow-through pinouts
s Available in 8-pin SOIC package
The SY10/100ELT22 are dual TTL-to-differential PECL
translators. Because PECL (Positive ECL) levels are
used, only +5V and ground are required. The small outline
8-lead SOIC package and the low skew, dual gate design
of the ELT22 makes it ideal for applications which require
the tranlation of a clock and a data signal.
The ELT22 is available in both ECL standards: the
10ELT is compatible with positive ECL 10H logic levels,
while the 100ELT is compatible with positive ECL 100K
logic levels.
FEATURES
DUAL TTL-to-DIFFERENTIAL
PECL TRANSLATOR
PIN NAMES
SY10ELT22
SY100ELT22
Rev.: H
Amendment: /0
Issue Date:
May 2008


Similar Part No. - SY100ELT22ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT22ZC MICREL-SY100ELT22ZC Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZC MICREL-SY100ELT22ZC Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZCTR MICREL-SY100ELT22ZCTR Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZCTR MICREL-SY100ELT22ZCTR Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZG MICREL-SY100ELT22ZG Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY100ELT22ZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com