Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL34LZG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL34LZG
Description  5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL34LZG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL34LZG Datasheet HTML 1Page - Micrel Semiconductor SY10EL34LZG Datasheet HTML 2Page - Micrel Semiconductor SY10EL34LZG Datasheet HTML 3Page - Micrel Semiconductor SY10EL34LZG Datasheet HTML 4Page - Micrel Semiconductor SY10EL34LZG Datasheet HTML 5Page - Micrel Semiconductor SY10EL34LZG Datasheet HTML 6Page - Micrel Semiconductor SY10EL34LZG Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SY10EL34/L
SY100EL34/L
5V/3.3V
÷2, ÷4, ÷8 Clock Generation Chip
Precision Edge
®
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2011
M9999-120611-I
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY10/100EL34/L are low-skew ÷2, ÷4, ÷8 clock
generation chips designed explicitly for low-skew clock
generation
applications.
The
internal
dividers
are
synchronous to each other; therefore, the common output
edges are all precisely aligned. The devices can be driven
by either a differential or single-ended ECL or, if positive
power supplies are used, PECL input signal. In addition,
by using the VBB output, a sinusoidal source can be AC-
coupled into the device. If a single-ended input is to be
used, the VBB output should be connected to the CLK
input and bypassed to ground via a 0.01µF capacitor. The
VBB output is designed to act as the switching reference for
the input of the EL34/L under single-ended input
conditions. As a result, this pin can only source/ sink up to
0.5mA of current.
The common enable ( EN ) is synchronous so that the
internal dividers will only be enabled/disabled when the
internal clock is already in the LOW state. This avoids any
chance of generating a runt clock pulse on the internal
clock when the device is enabled/disabled as can happen
with an asynchronous control. An internal runt pulse could
lead to losing synchronization between the internal divider
stages. The internal enable flip-flop is clocked on the
falling edge of the divider stages. The internal enable flip-
flop is clocked on the falling edge of the input clock;
therefore, all associated specification limits are referenced
to the negative edge of the clock input.
Upon start-up, the internal flip-flops will attain a random
state; the master reset (MR) input allows for the
synchronization of the internal dividers, as well as for
multiple EL34/Ls in a system.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Precision Edge
®
Features
• 3.3V and 5V power supply options
• 50ps output-to-output skew
• Synchronous enable/disable
• Master Reset for synchronization
• Internal 75KΩ input pull-down resistors
• Available in 16-pin SOIC package
Pin Description
Pin Name
Pin Function
CLK
Differential clock inputs.
EN
Synchronous enable.
MR
Master reset.
VBB
Reference output.
Q0
Differential
÷2 outputs.
Q1
Differential
÷4 outputs.
Q2
Differential
÷8 outputs.


Similar Part No. - SY10EL34LZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34LZG MICREL-SY10EL34LZG Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZGTR MICREL-SY10EL34LZGTR Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
More results

Similar Description - SY10EL34LZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com