Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP58VZG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP58VZG
Description  3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP58VZG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP58VZG Datasheet HTML 1Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 2Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 3Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 4Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 5Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 6Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 7Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 8Page - Micrel Semiconductor SY10EP58VZG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ECL Pro™
SY10EP58V
SY100EP58V
Micrel, Inc.
M9999-070105
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
V
IL
Input LOW Voltage
1355
1675
1355
1675
1355
1675
mV
(Single-Ended)
V
IH
Input HIGH Voltage
2075
2420
2075
2420
2075
2420
mV
(Single-Ended)
V
OL
Outuput LOW Voltage
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
50Ω to VCC–2V
V
OH
Output HIGH Voltage
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
50Ω to VCC–2V
V
BB
Output Reference Voltage
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
V
IHCMR
Input HIGH Voltage(8)
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
Common Mode Range
(100KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(7)
VCC = +3.3V ±10%, VEE = 0V.
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
V
IL
Input LOW Voltage
3055
3375
3055
3375
3055
3375
mV
(Single-Ended)
V
IH
Input HIGH Voltage
3775
4120
3775
4120
3775
4120
mV
(Single-Ended)
V
OL
Outuput LOW Voltage
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
50Ω to VCC–2V
V
OH
Output HIGH Voltage
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
50Ω to VCC–2V
V
BB
Output Reference Voltage
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
V
IHCMR
Input HIGH Voltage(8)
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
Common Mode Range
(100KEP) PECL DC ELECTRICAL CHARACTERISTICS(7)
VCC = +5.0V ±10%, VEE = 0V.
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
V
IL
Input LOW Voltage
–1945
–1625 –1945
–1625 –1945
–1625
mV
V
IH
Input HIGH Voltage
–1225
–880
–1225
–880
–1225
–880
mV
V
OL
Outuput LOW Voltage
–1945 –1820 –1695 –1945 –1820 –1695 –1945 –1820 –1695
mV
50Ω to VCC–2V
V
OH
Output HIGH Voltage
–1145 –1020
–895
–1145 –1020
–895
–1145 –1020
–895
mV
50Ω to VCC–2V
V
BB
Output Reference Voltage
–1525 –1425 –1325 –1525 –1425 –1325 –1525 –1425 –1325
mV
V
IHCMR
Input HIGH Voltage(8)
V
EE +2.0
0.0
V
EE +2.0
0.0
V
EE +2.0
0.0
V
Common Mode Range
Notes:
7. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in
a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
8. The VIHCMR range is referenced to the most positive side of the differential input signal.
(100KEP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(7)
VCC = 0V, VEE = –5.5V to –3.0V.


Similar Part No. - SY10EP58VZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP58VZC MICREL-SY10EP58VZC Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
SY10EP58VZCTR MICREL-SY10EP58VZCTR Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
More results

Similar Description - SY10EP58VZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com