Electronic Components Datasheet Search |
|
SY10EP16VZC Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
SY10EP16VZC Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 6 page 1 ECL Pro™ SY10EP16V Micrel, Inc. M9999-112805 hbwhelp@micrel.com or (408) 955-1690 Pin Function D, /D ECL Data Inputs Q, /Q ECL Data Outputs VBB Reference Voltage Output VCC Positive Power Supply VEE Negative Power Supply DESCRIPTION ■ Faster version of the SY10EL16V ■ Guaranteed AC performance over temperature and supply voltage: – DC to 3GHz clock throughput – <180ps tr/ft time ■ Internal 75kΩ input pulldown resistor ■ Improved output waveform characteristics ■ 10K ECL compatible I/O ■ Available in small 8-pin (3mm) MSOP and SOIC packages The SY10EP16V is a high-speed differential receiver. The device is functionally equivalent to the EL16V devices, with higher performance capabilities. With output transition times significantly faster than the EL16V, the SY10EP16V is ideally suited for interfacing with high- frequency sources. The SY10EP16V provides a VBB output for either single-ended use or as a DC bias for AC coupling to the device. The VBB pin should be used only as a bias for the SY10EP16V as its current sink/source capability is limited. Whenever used, the VBB pin should be bypassed to the most positive supply voltage (VCC for LVPECL) applications) via a 0.01µF capacitor. Under open input conditions (pulled to VEE), internal input clamps will force the Q output LOW. All support documentation can be found on Micrel’s web site at www.micrel.com. FEATURES 5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER PIN NAMES ECL Pro™ SY10EP16V ECL Pro™ ECL Pro is a trademark of Micrel, Inc. Rev.: D Amendment: /0 Issue Date: November 2005 |
Similar Part No. - SY10EP16VZC |
|
Similar Description - SY10EP16VZC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |