Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP53VKCTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP53VKCTR
Description  5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP53VKCTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP53VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP53VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP53VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP53VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP53VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP53VKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ECL Pro™
SY10EP53V
Micrel, Inc.
M9999-011508
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle Frequency(1)
3.0
3.0
3.0
GHz
tPLH
Propagation Delay to Output
ps
tPHL
Differential
CLK➝ Q, /Q
175
325
200
275
350
250
400
SET, RESET➝ Q, /Q
200
360
250
330
420
325
475
tRR
Reset Recovery Time
225
200
140
185
ps
tS
Setup Time
150
50
150
50
150
50
ps
tH
Hold Time
150
50
150
50
150
50
ps
tPW
Minimum Pulse Width
550
450
550
450
550
450
ps
VPP
Input Voltage Swing
————
TBD
————
mV
(Differential)
tr
Output Rise/Fall Times
Q
50
180
60
130
200
70
220
ps
tf
(20% to 80%)
Note 1.
f
MAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
AC ELECTRICAL CHARACTERISTICS
V
CC = 0V, VEE = –5.5V to –3.0V; VCC = 3.0V to 5.5V, VEE = 0V


Similar Part No. - SY10EP53VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP53VKCTR MICREL-SY10EP53VKCTR Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY10EP53VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com