Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP58VZI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10EP58VZI
Description  3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP58VZI Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY10EP58VZI Datasheet HTML 1Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 2Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 3Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 4Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 5Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 6Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 7Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 8Page - Micrel Semiconductor SY10EP58VZI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
ECL Pro™
SY10EP58V
SY100EP58V
Micrel, Inc.
M9999-070105
hbwhelp@micrel.com or (408) 955-1690
TERMINATION RECOMMENDATIONS
R2
82Ω
R2
82Ω
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Vt = VCC –2V
R1
130Ω
R1
130Ω
+3.3V
Figure 1. Parallel Termination–Thevenin Equivalent
Note:
1. For +5.0V systems: R1 = 82Ω, R2 = 130Ω.
Z = 50Ω
Z = 50Ω
50Ω
50Ω
50Ω
+3.3V
+3.3V
“source”
“destination”
Rb
C1 (optional)
0.01µF
Figure 2. Three-Resistor “Y–Termination”
Notes:
1. Power-saving alternative to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. Rb resistor sets the DC bias voltage, equal to VT. For +3.3V systems Rb = 46Ω to 50Ω. For +5V systems, Rb = 110Ω.


Similar Part No. - SY10EP58VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP58VZC MICREL-SY10EP58VZC Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
SY10EP58VZCTR MICREL-SY10EP58VZCTR Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
More results

Similar Description - SY10EP58VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com