Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E310L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E310L
Description  3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E310L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E310L Datasheet HTML 1Page - Micrel Semiconductor SY100E310L Datasheet HTML 2Page - Micrel Semiconductor SY100E310L Datasheet HTML 3Page - Micrel Semiconductor SY100E310L Datasheet HTML 4Page - Micrel Semiconductor SY100E310L Datasheet HTML 5Page - Micrel Semiconductor SY100E310L Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100E310L
Micrel, Inc.
M9999-072106
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Guaranteed AC performance over temperature and
voltage:
• > 800MHz fMAX (typical)
• < 50ps within-device skew
s Low voltage operation:
• LVPECL: +3.3V
±10%
• LVECL: –3.3V
±10%
s Internal 75k
pull-down resistors
s Guaranteed over industrial temperature range:
–40
°C to +85°C
s Pin-for-pin, plug-in replacement for MC100LVE310
s Available in 28-pin PLCC package
FEATURES
3.3V ECL/PECL
2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L
APPLICATIONS
s Communications clock distribution
s Redundant clock switchover
s High-end server clock distribution
Rev.: D
Amendment: /1
Issue Date:
July 2006
The SY100E310L is a 3.3V, precision 2:8 ECL/PECL
fanout buffer optimized for precision low-skew clock
distribution. The SY100E310L features fully differential clock
paths to minimize both device and system skew resulting in
skew performance of < 50ps. In addition, the device includes
a 2:1 multiplexer input for redundant switchover applications.
The SY100E310L is optimized for low voltage +3.3V
LVPECL or –3.3V LVECL applications.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
Micrel Semiconductor
On Semiconductor
SY100E310LJI
MC100LVE310FN
SY100E310LJITR
MC100LVE310FNR2
CROSS REFERENCE TABLE
CLKA
/CLKA
/CLKB
SEL
CLKB
Q0
/Q0
Q1
/Q1
Q2
/Q2
Q3
/Q3
Q4
/Q4
Q5
/Q5
Q6
/Q6
Q7
/Q7
VBB
0
100
200
300
400
500
600
700
800
900
CLK FREQUENCY (MHz)
Output Swing
vs. Frequency
TYPICAL PERFORMANCE


Similar Part No. - SY100E310L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJI MICREL-SY100E310LJI Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJITR MICREL-SY100E310LJITR Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY100E310L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com