Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL92ZG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL92ZG
Description  TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL92ZG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL92ZG Datasheet HTML 1Page - Micrel Semiconductor SY100EL92ZG Datasheet HTML 2Page - Micrel Semiconductor SY100EL92ZG Datasheet HTML 3Page - Micrel Semiconductor SY100EL92ZG Datasheet HTML 4Page - Micrel Semiconductor SY100EL92ZG Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY100EL92
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EL92ZC
Z20-1
Commercial
SY100EL92ZC
Sn-Pb
SY100EL92ZCTR(2)
Z20-1
Commercial
SY100EL92ZC
Sn-Pb
SY100EL92ZI
Z20-1
Industrial
SY100EL92ZI
Sn-Pb
SY100EL92ZITR(2)
Z20-1
Industrial
SY100EL92ZI
Sn-Pb
SY100EL92ZG(3)
Z20-1
Industiral
SY100EL92ZG with
NiPdAu
Pb-Free bar-line indicator Pb-Free
SY100EL92ZGTR(2, 3)
Z20-1
Industrial
SY100EL92ZG with
NiPdAu
Pb-Free bar-line indicator Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
20-Pin Wide SOIC (Z20-1)
VCC_VBB
VBB
VBB
VCC
VCCO
VCCO
VCC
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D2
GND
Q0
Q0
Q1
Q2
Q1
Q2
D1
D0


Similar Part No. - SY100EL92ZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL92ZC MICREL-SY100EL92ZC Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZCTR MICREL-SY100EL92ZCTR Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
More results

Similar Description - SY100EL92ZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com