Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4762A Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # 1N4762A
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1N4762A Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  1N4762A Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1N4762A Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1N4762A Datasheet HTML 3Page - WILLAS ELECTRONIC CORP 1N4762A Datasheet HTML 4Page - WILLAS ELECTRONIC CORP 1N4762A Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N4728A~1N4764A
r
e
b
m
u
N
t
r
a
P
Ne
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
m
u
m
i
x
a
Me
g
a
k
a
e
L
t
n
e
r
r
u
C
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
µµµµµ A
V
s
e
d
o
i
D
r
e
n
e
Z
t
t
a
W
0
.
1
A
8
2
7
4
N
1
3
.
3
4
1
.
3
7
4
.
3
0
.
0
1
0
0
.
6
7
0
0
4
0
0
.
1
0
0
1
1
A
8
2
7
4
N
1
A
9
2
7
4
N
1
6
.
3
2
4
.
3
8
7
.
3
0
.
0
1
0
0
.
9
6
0
0
4
0
.
1
0
0
1
1
A
9
2
7
4
N
1
A
0
3
7
4
N
1
9
.
3
1
7
.
3
0
1
.
4
0
.
9
0
0
.
4
6
0
0
4
0
.
1
0
5
1
A
0
3
7
4
N
1
A
1
3
7
4
N
1
3
.
4
9
0
.
4
2
5
.
4
0
.
9
0
0
.
8
5
0
0
4
0
.
1
0
1
1
A
1
3
7
4
N
1
A
2
3
7
4
N
1
7
.
4
7
4
.
4
4
9
.
4
0
.
8
0
0
.
3
5
0
0
5
0
.
1
0
1
1
A
2
3
7
4
N
1
A
3
3
7
4
N
1
1
.
5
5
8
.
4
6
3
.
5
0
.
7
0
0
.
9
4
0
5
5
0
.
1
0
1
1
A
3
3
7
4
N
1
A
4
3
7
4
N
1
6
.
5
2
3
.
5
8
8
.
5
0
.
5
0
0
.
5
4
0
0
6
0
.
1
0
1
2
A
4
3
7
4
N
1
A
5
3
7
4
N
1
2
.
6
9
8
.
5
1
5
.
6
0
.
2
0
0
.
1
4
0
0
7
0
.
1
0
1
3
A
5
3
7
4
N
1
A
6
3
7
4
N
1
8
.
6
6
4
.
6
4
1
.
7
5
.
3
0
0
.
7
3
0
0
7
0
.
1
0
1
4
A
6
3
7
4
N
1
A
7
3
7
4
N
1
5
.
7
3
1
.
7
8
8
.
7
0
.
4
0
0
.
4
3
0
0
7
5
.
0
0
1
5
A
7
3
7
4
N
1
A
8
3
7
4
N
1
2
.
8
9
7
.
7
1
6
.
8
5
.
4
0
0
.
1
3
0
0
7
5
.
0
0
1
6
A
8
3
7
4
N
1
A
9
3
7
4
N
1
1
.
9
5
6
.
8
6
5
.
9
0
.
5
0
0
.
8
2
0
0
7
5
.
0
0
1
7
A
9
3
7
4
N
1
A
0
4
7
4
N
1
0
.
0
1
0
5
.
9
0
5
.
0
1
0
.
7
0
0
.
5
2
0
0
7
5
2
.
0
0
1
6
.
7
A
0
4
7
4
N
1
A
1
4
7
4
N
1
0
.
1
1
5
4
.
0
1
5
5
.
1
1
0
.
8
0
0
.
3
2
0
0
7
5
2
.
0
5
4
.
8
A
1
4
7
4
N
1
A
2
4
7
4
N
1
0
.
2
1
0
4
.
1
1
0
6
.
2
1
0
.
9
0
0
.
1
2
0
0
7
5
2
.
0
5
1
.
9
A
2
4
7
4
N
1
A
3
4
7
4
N
1
0
.
3
1
5
3
.
2
1
5
6
.
3
1
0
1
0
0
.
9
1
0
0
7
5
2
.
0
5
9
.
9
A
3
4
7
4
N
1
A
4
4
7
4
N
1
0
.
5
1
5
2
.
4
1
5
7
.
5
1
4
1
0
0
.
7
1
0
0
7
5
2
.
0
5
4
.
1
1
A
4
4
7
4
N
1
A
5
4
7
4
N
1
0
.
6
1
0
2
.
5
1
0
8
.
6
1
6
1
0
5
.
5
1
0
0
7
5
2
.
0
5
2
.
2
1
A
5
4
7
4
N
1
A
6
4
7
4
N
1
0
.
8
1
0
1
.
7
1
0
9
.
8
1
0
2
0
0
.
4
1
0
5
7
5
2
.
0
5
7
.
3
1
A
6
4
7
4
N
1
A
7
4
7
4
N
1
0
.
0
2
0
0
.
9
1
0
0
.
1
2
2
2
0
5
.
2
1
0
5
7
5
2
.
0
5
2
.
5
1
A
7
4
7
4
N
1
A
8
4
7
4
N
1
0
.
2
2
0
9
.
0
2
0
1
.
3
2
3
2
0
5
.
1
1
0
5
7
5
2
.
0
5
7
.
6
1
A
8
4
7
4
N
1
A
9
4
7
4
N
1
0
.
4
2
0
8
.
2
2
0
2
.
5
2
5
2
0
5
.
0
1
0
5
7
5
2
.
0
5
2
.
8
1
A
9
4
7
4
N
1
A
0
5
7
4
N
1
0
.
7
2
5
6
.
5
2
5
3
.
8
2
5
3
0
5
.
9
0
5
7
5
2
.
0
5
6
.
0
2
A
0
5
7
4
N
1
A
1
5
7
4
N
1
0
.
0
3
0
5
.
8
2
0
5
.
1
3
0
4
0
5
.
8
0
0
0
1
5
2
.
0
5
8
.
2
2
A
1
5
7
4
N
1
A
2
5
7
4
N
1
0
.
3
3
5
3
.
1
3
5
6
.
4
3
5
4
0
5
.
7
0
0
0
1
5
2
.
0
5
1
.
5
2
A
2
5
7
4
N
1
A
3
5
7
4
N
1
0
.
6
3
0
2
.
4
3
0
8
.
7
3
0
5
0
0
.
7
0
0
0
1
5
2
.
0
5
4
.
7
2
A
3
5
7
4
N
1
A
4
5
7
4
N
1
0
.
9
3
5
0
.
7
3
5
9
.
0
4
0
6
0
5
.
6
0
0
0
1
5
2
.
0
5
7
.
9
2
A
4
5
7
4
N
1
A
5
5
7
4
N
1
0
.
3
4
5
8
.
0
4
5
1
.
5
4
0
7
0
0
.
6
0
0
5
1
5
2
.
0
1
.
0
7
.
2
3
A
5
5
7
4
N
1
A
6
5
7
4
N
1
0
.
7
4
5
6
.
4
4
5
3
.
9
4
0
8
0
5
.
5
0
0
5
1
5
2
.
0
1
.
0
8
.
5
3
A
6
5
7
4
N
1
A
7
5
7
4
N
1
0
.
1
5
5
4
.
8
4
5
5
.
3
5
5
9
0
0
.
5
0
0
5
1
5
2
.
0
1
.
0
8
.
8
3
A
7
5
7
4
N
1
A
8
5
7
4
N
1
0
.
6
5
0
2
.
3
5
0
8
.
8
5
0
1
1
0
5
.
4
0
0
0
2
5
2
.
0
1
.
0
6
.
2
4
A
8
5
7
4
N
1
A
9
5
7
4
N
1
0
.
2
6
0
9
.
8
5
0
1
.
5
6
5
2
1
0
0
.
4
0
0
0
2
5
2
.
0
1
.
0
1
.
7
4
A
9
5
7
4
N
1
A
0
6
7
4
N
1
0
.
8
6
0
6
.
4
6
0
4
.
1
7
0
5
1
0
7
.
3
0
0
0
2
5
2
.
0
1
.
0
7
.
1
5
A
0
6
7
4
N
1
A
1
6
7
4
N
1
0
.
5
7
5
2
.
1
7
5
7
.
8
7
5
7
1
0
3
.
3
0
0
0
2
5
2
.
0
1
.
0
6
5
A
1
6
7
4
N
1
A
2
6
7
4
N
1
0
.
2
8
0
9
.
7
7
0
1
.
6
8
0
0
2
0
0
.
3
0
0
0
3
5
2
.
0
1
.
0
2
.
2
6
A
2
6
7
4
N
1
A
3
6
7
4
N
1
0
.
1
9
5
4
.
6
8
5
5
.
5
9
0
5
2
0
8
.
2
0
0
0
3
5
2
.
0
1
.
0
2
.
9
6
A
3
6
7
4
N
1
A
4
6
7
4
N
1
0
0
1
0
0
.
5
9
0
0
.
5
0
1
0
5
3
0
5
.
2
0
0
0
3
5
2
.
0
1
.
0
6
7
A
4
6
7
4
N
1
WILLAS


Similar Part No. - 1N4762A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N4762A TRSYS-1N4762A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Microsemi Corporation
1N4762A MICROSEMI-1N4762A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Taiwan Semiconductor Co...
1N4762A TSC-1N4762A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Won-Top Electronics
1N4762A WTE-1N4762A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Vishay Siliconix
1N4762A VISHAY-1N4762A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
More results

Similar Description - 1N4762A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com