Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP312L100 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # FP312L100
Description  Contactless Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FP312L100 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  FP312L100 Datasheet HTML 1Page - Siemens Semiconductor Group FP312L100 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
07.96
Features
Typical applications
• Devoid of friction and abrasion at
Angular encoder
contact point
Electric vehicles
• No electrical contact noise
• Insensitive to contamination, moisture
ingression, corrosion and vibration
• Low operating torque
• Long lifetime
This potentiometer comprises differential MR, driven by a magnet with no amplifier. At
the output, the resistance change can be used as a signal. On applying the operating
voltage a sinusoidal voltage results at the output, which is not temperature-
compensated. With the aid of external circuitry this signal can be amplified, temperature-
compensated and adapted for various applications.
Type
Ordering Code
FP 312 L 100
Q65312-L100-U
Contactless Potentiometer
FP 312 L 100
Dimensions in mm


Similar Part No. - FP312L100

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP3100 APITECH-FP3100 Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
FP3104 APITECH-FP3104 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
logo
Siemens Semiconductor G...
FP310L100 SIEMENS-FP310L100 Datasheet
68Kb / 2P
   Contactless Potentiometer
FP310L100-30 SIEMENS-FP310L100-30 Datasheet
68Kb / 2P
   Contactless Potentiometer
FP310L100-75 SIEMENS-FP310L100-75 Datasheet
68Kb / 2P
   Contactless Potentiometer
More results

Similar Description - FP312L100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP310L100 SIEMENS-FP310L100 Datasheet
68Kb / 2P
   Contactless Potentiometer
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
   12-Bit Programmable Contactless Potentiometer
2018-Jun-20
logo
ams AG
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
   12-bit Programmable Contactless Potentiometer
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC NKK-FP0115CAC1BC_10 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
SHENZHEN FUMAN ELECTRON...
FMXC50 FUMAN-FMXC50 Datasheet
1,004Kb / 18P
   Contactless IC
logo
Hitachi Semiconductor
HA16603 HITACHI-HA16603 Datasheet
180Kb / 7P
   Contactless Switch
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2 Datasheet
179Kb / 5P
   Contactless Pushbuttons
logo
ATMEL Corporation
ATA5577 ATMEL-ATA5577_13 Datasheet
209Kb / 8P
   Contactless Power Supply Contactless Read/Write Data Transmission
logo
Copal Electronics
JT30 COPAL-JT30 Datasheet
72Kb / 2P
   OPTICAL CONTACTLESS TYPE
JT22 COPAL-JT22 Datasheet
73Kb / 2P
   OPTICAL CONTACTLESS TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com