Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3600 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3600
Description  15V, 1.5A Synchronous Rail-to-Rail Single Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3600 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3600 Datasheet HTML 2Page - Linear Technology LTC3600 Datasheet HTML 3Page - Linear Technology LTC3600 Datasheet HTML 4Page - Linear Technology LTC3600 Datasheet HTML 5Page - Linear Technology LTC3600 Datasheet HTML 6Page - Linear Technology LTC3600 Datasheet HTML 7Page - Linear Technology LTC3600 Datasheet HTML 8Page - Linear Technology LTC3600 Datasheet HTML 9Page - Linear Technology LTC3600 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3600
6
3600fb
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency/Period vs RT
Switch Leakage Current
Continuous Conduction
Mode Operation
Discontinuous Conduction
Mode Operation
INTVCC Load Regulation
INTVCC CURRENT (mA)
0
4.90
5.00
20
40
60
4.96
4.88
4.98
4.86
4.94
4.92
10
30
80
100
50
70
90
3600 G17
VSW
5V/DIV
IL
1A/DIV
3600 G13
VIN = 15V
VOUT = 2.5V
MODE = 0
L = 2.2μH
VSW
5V/DIV
IL
1A/DIV
3600 G14
VIN = 15V
VOUT = 2.5V
MODE = INTVCC
L = 2.2μH
TEMPERATURE (°C)
–50 –30 –10
4
10
2
8
0
6
130
50
70
90 110
10
30
3600 G16
VIN = 12V
MBOT
MTOP
RT (kΩ)
0
1.0
3.5
6
5
4
3
2
1
0
50
2.5
0.5
3.0
0
2.0
1.5
150
200
100
3600 G15
tSW
fSW
Output Tracking
Transient Response DCM,
Operation, External Compensation
Transient Response DCM,
Operation, Internal Compensation
1ms/DIV
ISET
VOLTAGE
VOUT
2V/DIV
IINDUCTOR
CURRENT
500mA/DIV
3600 G12
ISET
VOLTAGE
VOUT
20μs/DIV
VOUT
100mV/DIV
AC-
COUPLED
IL
1A/DIV
3600 G10
VIN = 12V
VOUT = 3.3V
IOUT = 0.1A TO 1A
L = 4.7μH
fSW = 1MHz
RITH = 27.5kΩ, CITH = 250pF
MODE = 0
COUT = 47μF
20μs/DIV
VOUT
100mV/DIV
AC-
COUPLED
IL
1A/DIV
3600 G11
VIN = 12V
VOUT = 3.3V
IOUT = 0.1A TO 1A
L = 4.7μH
fSW =1MHz
ITH = INTVCC
MODE = 0
COUT = 47μF


Similar Part No. - LTC3600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3600 LINER-LTC3600 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3600 LINER-LTC3600 Datasheet
407Kb / 28P
   15V, 1.5A Synchronous Rail-to-Rail Single Resistor Step-Down Regulator
logo
Analog Devices
LTC3600 AD-LTC3600 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3600 LINER-LTC3600_15 Datasheet
407Kb / 28P
   15V, 1.5A Synchronous Rail-to-Rail Single Resistor Step-Down Regulator
More results

Similar Description - LTC3600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3600 LINER-LTC3600_15 Datasheet
407Kb / 28P
   15V, 1.5A Synchronous Rail-to-Rail Single Resistor Step-Down Regulator
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
Global Mixed-mode Techn...
G1562 GMT-G1562 Datasheet
432Kb / 1P
   Single Rail-to-Rail Operational Amplifiers
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
Analog Devices
AD8601 AD-AD8601_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Analog Devices
AD8628 AD-AD8628_15 Datasheet
426Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. K
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com