Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3USBA225 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USBA225
Description  1.8-V Logic Compatibility and Power-Down Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USBA225 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3USBA225 Datasheet HTML 4Page - Texas Instruments TS3USBA225 Datasheet HTML 5Page - Texas Instruments TS3USBA225 Datasheet HTML 6Page - Texas Instruments TS3USBA225 Datasheet HTML 7Page - Texas Instruments TS3USBA225 Datasheet HTML 8Page - Texas Instruments TS3USBA225 Datasheet HTML 9Page - Texas Instruments TS3USBA225 Datasheet HTML 10Page - Texas Instruments TS3USBA225 Datasheet HTML 11Page - Texas Instruments TS3USBA225 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3.5
4
4.5
5
5.5
6
6.5
7
7.5
0
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (V)
G001
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
−2
−1
0
1
2
Input Voltage (V)
G002
−8
−7
−6
−5
−4
−3
−2
−1
0
100k
1M
10M
100M
1G
10G
Frequency (Hz)
G003
−12
−10
−8
−6
−4
−2
0
100k
1M
10M
100M
1G
10G
Frequency (Hz)
G004
−140
−120
−100
−80
−60
−40
−20
0
100k
1M
10M
100M
1G
10G
Frequency (Hz)
G005
−140
−120
−100
−80
−60
−40
−20
0
100k
1M
10M
100M
1G
10G
Frequency (Hz)
G006
TS3USBA225
SCDS328
– OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. ON Resistance vs VI for USB Switch
Figure 2. ON Resistance vs VI for Audio Switch
Figure 3. Gain vs Frequency for USB Switch
Figure 4. Gain vs Frequency for Audio Switch
Figure 5. Off Isolation vs Frequency for USB Switch
Figure 6. Cross Talk vs Frequency for USB Switch
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TS3USBA225


Similar Part No. - TS3USBA225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI1-TS3USB221 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Similar Description - TS3USBA225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBA224 TI-TS5USBA224 Datasheet
589Kb / 20P
[Old version datasheet]   USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Analog Devices
AD5165 AD-AD5165 Datasheet
569Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165 AD-AD5165_15 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
   Migration and Compatibility Guideline
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
[Old version datasheet]   TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com