Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904LT1 Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # MMBT3904LT1
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MMBT3904LT1 Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  MMBT3904LT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MMBT3904LT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MMBT3904LT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MMBT3904LT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP MMBT3904LT1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP MMBT3904LT1 Datasheet HTML 6Page - WILLAS ELECTRONIC CORP MMBT3904LT1 Datasheet HTML 7Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT3904LT1
Figure 1. Delay and Rise Time
Equivalent Test Circuit
+3 V
275
10 k
1N916
C S < 4 pF*
+3 V
275
10 k
C S < 4 pF*
< 1 ns
–0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
–9.1
+10.9 V
DUTY CYCLE = 2%
t 1
0
10 < t 1 < 500
µs
* Total shunt capacitance of test jig and connectors
Figure 2. Storage and Fall Time
Equivalent Test Circuit
TYPICAL TRANSIENT CHARACTERISTICS
REVERSE BIAS VOLTAGE (VOLTS)
Figure 3. Capacitance
I C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data
V CC = 40 V
I C /I B = 10
Q T
Q A
C ibo
C obo
T J = 25°C
T J = 125°C
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30 40
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
10
7.0
5.0
3.0
2.0
1.0
5000
3000
2000
1000
700
500
300
200
100
70
50
WILLAS


Similar Part No. - MMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT3904LT1 MOTOROLA-MMBT3904LT1 Datasheet
230Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
MMBT3904LT1 ONSEMI-MMBT3904LT1 Datasheet
164Kb / 6P
   General Purpose Transistor(NPN Silicon)
February, 2004 ??Rev. 5
MMBT3904LT1 ONSEMI-MMBT3904LT1 Datasheet
101Kb / 6P
   General Purpose Transistor (NPN Silicon)
February, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT3904LT1 LRC-MMBT3904LT1 Datasheet
265Kb / 6P
   NPN SILICON
logo
Avic Technology
MMBT3904LT1 AVICTEK-MMBT3904LT1 Datasheet
40Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - MMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com