Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3765 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3765
Description  Integer-N/Fractional-N PLL with Integrated VCO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF3765 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF3765 Datasheet HTML 2Page - Texas Instruments TRF3765 Datasheet HTML 3Page - Texas Instruments TRF3765 Datasheet HTML 4Page - Texas Instruments TRF3765 Datasheet HTML 5Page - Texas Instruments TRF3765 Datasheet HTML 6Page - Texas Instruments TRF3765 Datasheet HTML 7Page - Texas Instruments TRF3765 Datasheet HTML 8Page - Texas Instruments TRF3765 Datasheet HTML 9Page - Texas Instruments TRF3765 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TRF3765
SLWS230C
– SEPTEMBER 2011 – REVISED JANUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VCC = 3.3 V, VCC_TK = 3.3 V, LO1_OUTP (single-ended), PWD_BUFF2,3,4 = off, VCO_BIAS = 400 µA;
BUFOUT_BIAS = 600
µA, all other registers set per recommended programming in Serial Programming Interface Register
Definitions section, and standard operating condition, unless otherwise noted.
Table of Graphs
Open-Loop Phase Noise
vs Temperature(1)
Figure 1, Figure 2, Figure 3, Figure 4
Open-Loop Phase Noise
vs Voltage(1)
Figure 5, Figure 6, Figure 7, Figure 8
Open-Loop Phase Noise
vs Temperature(1)(2)
Figure 9, Figure 10, Figure 11, Figure 12
Open-Loop Phase Noise
vs Voltage(1)(2)
Figure 13, Figure 14, Figure 15, Figure 16
Figure 17, Figure 18, Figure 19, Figure 20,
Closed-Loop Phase Noise
vs Temperature(3)
Figure 21, Figure 22, Figure 23
Figure 24, Figure 25, Figure 26, Figure 27,
Closed-Loop Phase Noise
vs Temperature(2)(3)
Figure 28, Figure 29, Figure 30
Closed-Loop Phase Noise
vs Divide Ratio(3)
Figure 31
Closed-Loop Phase Noise
vs Divide Ratio(2)(3)
Figure 32
Figure 33, Figure 34, Figure 35, Figure 36,
Closed-Loop Phase Noise
vs Temperature(4)
Figure 37, Figure 38, Figure 39
Figure 40, Figure 41, Figure 42, Figure 43,
Closed-Loop Phase Noise
vs Temperature(2)(4)
Figure 44, Figure 45, Figure 46
Closed-Loop Phase Noise
vs Divide Ratio(4)
Figure 47
Closed-Loop Phase Noise
vs Divide Ratio(2)(4)
Figure 48
PFD Spurs
vs Temperature(4)
Figure 49
Multiples of PFD Spurs(4)
Figure 50, Figure 51, Figure 52
Multiples of PFD Spurs(4)(5)
Figure 53
Fractional Spurs
vs LO Divider(3)
Figure 54
Fractional Spurs
vs RF Divider and Prescaler(3)
Figure 55
Fractional Spurs
vs Temperature(3)
Figure 56
Multiples of PFD Spurs(3)
Figure 57
LO Harmonics(4)
Figure 58
Output Power with Multiple Buffers(4)
Figure 59, Figure 60
Output Power
vs Output Port(4)
Figure 61
Output Power
vs Buffer Bias(4)
Figure 62
VCO Gain (Kv)
vs Frequency
Figure 63
(1)
VCO_TRIM = 32, VTUNE_IN = 1.1 V, CP_TRISTATE = 3 (3-state), and CAL_BYPASS = On.
(2)
VCO_BIAS = 600
µA.
(3)
Reference frequency = 61.44 MHz; PFD frequency = 30.72 MHz.
(4)
Reference frequency = 40 MHz; PFD frequency = 1.6 MHz.
(5)
Performance change at frequencies above 1500 MHz results from PLL_DIV_SEL changing from divide-by-1 to divide-by-2.
6
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TRF3765


Similar Part No. - TRF3765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3765IRHBR TI1-TRF3765IRHBR Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765IRHBT TI1-TRF3765IRHBT Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
More results

Similar Description - TRF3765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com