Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82675 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82675
Description  600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82675 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS82675 Datasheet HTML 12Page - Texas Instruments TPS82675 Datasheet HTML 13Page - Texas Instruments TPS82675 Datasheet HTML 14Page - Texas Instruments TPS82675 Datasheet HTML 15Page - Texas Instruments TPS82675 Datasheet HTML 16Page - Texas Instruments TPS82675 Datasheet HTML 17Page - Texas Instruments TPS82675 Datasheet HTML 18Page - Texas Instruments TPS82675 Datasheet HTML 19Page - Texas Instruments TPS82675 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
PFMModeatLightLoad
PFMRipple
PWMModeatHeavyLoad
NominalDCOutputVoltage
TPS82671, TPS82672, TPS82675
TPS82676, TPS82677
SLVSAI0C
– OCTOBER 2010 – REVISED NOVEMBER 2011
www.ti.com
DETAILED DESCRIPTION
OPERATION
The TPS8267x is a stand-alone, synchronous, step-down converter. The converter operates at a regulated
5.5-MHz frequency pulse width modulation (PWM) at moderate to heavy load currents (up to 600mA output
current). At light load currents, the TPS8267x converter operates in power-save mode with pulse frequency
modulation (PFM).
The converter uses a unique frequency-locked ring-oscillating modulator to achieve best-in-class load and line
response. One key advantage of the non-linear architecture is that there is no traditional feed-back loop. The
loop response to change in VO is essentially instantaneous, which explains the transient response. Although this
type of operation normally results in a switching frequency that varies with input voltage and load current, an
internal frequency lock loop (FLL) holds the switching frequency constant over a large range of operating
conditions.
Combined with best-in-class load and line-transient response characteristics, the low quiescent current of the
device (approximately 17
μA) helps to maintain high efficiency at light load while that current preserves a fast
transient response for applications that require tight output regulation.
The TPS8267x integrates an input current limit to protect the device against heavy load or short circuits and
features an undervoltage lockout circuit to prevent the device from misoperation at low input voltages. Fully
functional operation is permitted down to 2.1V input voltage.
POWER-SAVE MODE
If the load current decreases, the converter enters power-save mode automatically. During power-save mode,
the converter operates in discontinuous current, (DCM) single-pulse PFM mode, which produces a low output
ripple compared with other PFM architectures.
When in power-save mode, the converter resumes its operation when the output voltage falls below the nominal
voltage. The converter ramps up the output voltage with a minimum of one pulse and goes into power-save
mode when the output voltage is within its regulation limits.
The IC exits PFM mode and enters PWM mode when the output current can no longer be supported in PFM
mode. As a consequence, the DC output voltage is typically positioned approximately 0.5% above the nominal
output voltage. The transition between PFM and PWM is seamless.
Figure 40. Operation in PFM Mode and Transfer to PWM Mode
MODE SELECTION
The MODE pin selects the operating mode of the device. Connecting the MODE pin to GND enables the
automatic PWM and power-save mode operation. The converter operates in regulated frequency PWM mode at
moderate to heavy loads, and operates in PFM mode during light loads. This type of operation maintains high
efficiency over a wide load current range.
Pulling the MODE pin high forces the converter to operate in PWM mode even at light-load currents. The
advantage is that the converter modulates its switching frequency according to a spread spectrum PWM
modulation technique that allows simple filtering of the switching harmonics in noise-sensitive applications. In this
mode, the efficiency is lower when compared to the power-save mode during light loads.
16
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS82671 TPS82672 TPS82675 TPS82676 TPS82677


Similar Part No. - TPS82675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82675 TI1-TPS82675 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675 TI1-TPS82675 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82675 TI1-TPS82675 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675 TI1-TPS82675 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82675 TI-TPS82675 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Similar Description - TPS82675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com