Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT24ZCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100ELT24ZCTR
Description  TTL-to-DIFFERENTIAL ECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT24ZCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100ELT24ZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100ELT24ZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100ELT24ZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100ELT24ZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100ELT24ZCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY100ELT24
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IIH
Input HIGH Current
20
20
20
20
µAVIN = 2.7V
100
100
100
100
VIN = VCC
IIL
Input LOW Current
—–0.6
—–0.6
—–0.6
—–0.6
mA
VIN = 0.5V
VIK
Input Clamp Voltage
—–1.2
—–1.2
—–1.2
—–1.2
V
IIN = –18mA
TTL DC ELECTRICAL CHARACTERISTICS
VCC = 4.5V to 5.5V; VEE = –4.2V to –5.5V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
–1085
–880
–1025
–880
–1025
–880
–1025
–880
mV
50
Ω to –2.0V
VOL
Output LOW Voltage
–1830
–1555
–1810
–1620
–1810
–1620
–1810
–1620
mV
50
Ω to –2.0V
ECL DC ELECTRICAL CHARACTERISTICS
VCC = 4.5V to 5.5V; VEE = –4.2V to –5.5V


Similar Part No. - SY100ELT24ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT24ZCTR MICREL-SY100ELT24ZCTR Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results

Similar Description - SY100ELT24ZCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com