Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY100EL1003 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY100EL1003
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EL1003_06 Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 6Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SY100EL1003
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
D
D
EN
OUT
OUT
LH
LH
L
H
LLL
H
XX
H
H
L
NOTE:
1. L = LOW, H = HIGH, X = don't care
Pin
Function
VCC, VCCO
Separate positive power supply pins help
to isolate sensitive circuitry from noise
generating function. +5V for PECL operation
or ground for ECL operation.
VEE
Most negative power supply input. Ground
for PECL operation or -5V for ECL operation.
VBB
This pin provides a reference voltage for use
in single ended applications or when the
input signal is AC coupled into the device.
D,D
These differential ECL/PECL 100K
compatible inputs receive NRZ data.
EN
This ECL/PECL 100K compatible input enables
Laser Driver - modulation current transitions to
zero when asserted HIGH.
OUT, OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
MC
An external voltage sets the main value of
modulation current IO.
RSET
An external resistor sets the source current
for modulation Imod.
NC
These pins are not connected.
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage (VCC = 0V)
0 to -7.0
V
VIN
Input Voltage (VCC = 0V)
0 to -6.0
V
IOUT
Output Current
75
mA
TLEAD
Lead Temperatre (soldering, 20sec.)
+260
°°C
TA
Operating Temperature Range
–40 to +85
°°C
Ptot
Power Dissipation
500
mW
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PIN NAMES
TRUTH TABLE(1)
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage
–4.75 to -5.25
V
RSET
Resistor to Adjust Current
10 to 100
REXT
Resistor to Dissipate Power
10 to 50
RSER
Laser Diode Serial Resistor
0 to 50
OPERATIONING CONDITIONS(1)
Note:
1. The voltage drop across REXT and RSER should not be greater than 2V.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn