Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY100EL1003 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY100EL1003
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL1003_06 Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 6Page - Micrel Semiconductor SY100EL1003_06 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SY100EL1003
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Up to 1.25Gbps operation
s 75mA peak drive current
s Separate modulation control
s Separate output enable for laser safety
s Differential inputs for data
s 75K
input pulldown resistor
s Single power supply
s Available in 16-pin SOIC package
The SY100EL1003 is a high speed current source for
driving a semiconductor laser diode in optical transmission
applications. The output current modulation is DC –
voltage controlled. The modulation current is disabled
when output enable is HIGH.
The device incorporates complementary open collector
outputs with a capability of driving peak current of 75mA.
The laser driver current is adjustable by selection of RSET.
The resistor REXT must be placed between OUT and
VCC to dissipate the worst case power. RSER is
recommended to fix laser diode matching issues.
The SY100EL1003 utilizes the high performance
bipolar ASSET technology.
FEATURES
LASER DIODE DRIVER
WITH OUTPUT ENABLE
SY100EL1003
BLOCK DIAGRAM
D
EN
VCC
REXT
OUT
OUT
VBB
RSET
VEE
RSER
to Laser Diode
MC
Modulation Control
D
Internal Logic
BIAS
Control
RSET
1
Rev.: H
Amendment: /0
Issue Date:
March 2006


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn