Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT22VZGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EPT22VZGTR
Description  3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT22VZGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EPT22VZGTR Datasheet HTML 1Page - Micrel Semiconductor SY100EPT22VZGTR Datasheet HTML 2Page - Micrel Semiconductor SY100EPT22VZGTR Datasheet HTML 3Page - Micrel Semiconductor SY100EPT22VZGTR Datasheet HTML 4Page - Micrel Semiconductor SY100EPT22VZGTR Datasheet HTML 5Page - Micrel Semiconductor SY100EPT22VZGTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ECL Pro™
SY100EPT22V
Micrel, Inc.
M9999-052108
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(2)
mV
100EPT
2220
2420
2275
2420
2275
2420
2275
2420
VOL
Output LOW Voltage(2)
mV
100EPT
1470
1750
1490
1680
1490
1680
1490
1680
Notes:
1. Parametric values specified at:
3 volt Power Supply Range
100EPT22V Series: +3.0V to +3.8V.
5 volt Power Supply Range
100EPT22V Series: +4.2V to +5.5V.
2. These values are for V
CC = 3.3V. Level Specifications will vary 1:1 with VCC.
V
CC = +3.3V ±5% or +5.0V ±5%
PECL DC ELECTRICAL CHARACTERISTICS(1)
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max. Min. Max. Min. Max.
Min. Max.
Unit
Condition
tPD
Propagation Delay to Output D,
100
600
100
600
100
600
100
600
ps
50
Ω to V
CC – 2.0V
ENECL/ENTTL
tskpp
Part-to-Part Skew(2)
500
500
500
500
ps
50
Ω to V
CC – 2.0V
tskew
Within-Device Skew(2, 3)
100
100
100
100
ps
50
Ω to V
CC – 2.0V
tr
Output Rise/Fall Time
200
500
200
500
200
500
200
500
ps
50
Ω to V
CC – 2.0V
tf
20% to 80%
fMAX
Maximum Toggle Frequency
800
800
800
800
MHz
50
Ω to V
CC – 2.0V
Notes:
1. Parametric values specified at:
3 volt Power Supply Range
100EPT22V Series: +3.0V to +3.8V.
5 volt Power Supply Range
100EPT22V Series: +4.2V to +5.5V.
2. Guaranteed, but not tested.
3. Same transition @common V
CC levels.
AC ELECTRICAL CHARACTERISTICS(1, 2)
V
CC = +3.3V ±5% or +5.0V ±5%


Similar Part No. - SY100EPT22VZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT22VZC MICREL-SY100EPT22VZC Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT22VZCTR MICREL-SY100EPT22VZCTR Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT22VZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com