Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP210UTGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EP210UTGTR
Description  2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP210UTGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EP210UTGTR Datasheet HTML 1Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP210UTGTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Precision Edge®
SY100EP210U
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
FEATURES
■ 2.5V and 3.3V power supply options
■ Guaranteed AC parameters over temperature:
•fMAX > 3.0GHz
< 25ps within-device skew
< 250ps tr /tf
< 380ps propagation delay (differential)
■ Wide temperature range: –40°C to +85°C
■ Differential design
■ V
BB output
■ Fully compatible with industry standard 100K I/O
levels
■ Available in 32-pin TQFP Package
The SY100EP210U is a high-speed, precision low skew
1-to-5 dual differential clock driver. HSTL inputs can be
used when the EP210U is operating in PECL mode.
The EP210U specifically guarantees critical AC
parameters over temperature and voltage. Optimal design,
layout, and processing minimize skew within device and
from device-to-device.
The SY100EP210U, as with most other ECL devices,
can be operated from a positive VCC supply in PECL mode.
This allows the EP210U to be used for high performance
clock distribution in +3.3V or +2.5V systems. Single-ended
input operation is limited to a VCC ≥ 3.0V in PECL mode, or
VEE ≤ –3.0V in ECL mode.
Designers can take advantage of the EP210U’s
performance to distribute low skew clocks across the
backplane or to multiple points on a board.
2.5V/3.3V DUAL 1:5 DIFFERENTIAL
LVECL/LVPECL/HSTL CLOCK DRIVER
DESCRIPTION
Precision Edge®
SY100EP210U
Rev.: D
Amendment: /0
Issue Date:
December 2005
BLOCK DIAGRAM
Qa0
/Qa0
Qa1
/Qa1
Qa2
/Qa2
Qa3
/Qa3
Qa4
/Qa4
CLKa
/CLKa
Qb0
/Qb0
Qb1
/Qb1
Qb2
/Qb2
Qb3
/Qb3
Qb4
/Qb4
CLKb
/CLKb
VBB
75kΩ
75kΩ
VEE
VEE VCC
75kΩ
VEE
75kΩ
75kΩ
VCC VEE
75kΩ
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100EP210UTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTG MICREL-SY100EP111UTG Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTR MICREL-SY100EP111UTGTR Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTX MICREL-SY100EP111UTGTX Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP210UTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
logo
Micrel Semiconductor
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
Maxim Integrated Produc...
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com