Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S351JY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S351JY
Description  HEX D FLIP-FLOP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S351JY Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S351JY Datasheet HTML 1Page - Micrel Semiconductor SY100S351JY Datasheet HTML 2Page - Micrel Semiconductor SY100S351JY Datasheet HTML 3Page - Micrel Semiconductor SY100S351JY Datasheet HTML 4Page - Micrel Semiconductor SY100S351JY Datasheet HTML 5Page - Micrel Semiconductor SY100S351JY Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SY100S351
Micrel, Inc.
M9999-060910
hbwhelp@micrel.com or (408) 955-1690
TIMINGDIAGRAMS
DataSet-upandHoldTime
Notes:
1. VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
2. tS is the minimum time before the transition of the clock that information
must be present at the data input.
3. tH is the minimum time after the transition of the clock that information
must remain unchanged at the data input.


Similar Part No. - SY100S351JY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S351JC MICREL-SY100S351JC Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
SY100S351JC MICREL-SY100S351JC Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
SY100S351JCTR MICREL-SY100S351JCTR Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
SY100S351JCTR MICREL-SY100S351JCTR Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
SY100S351JZ MICREL-SY100S351JZ Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
More results

Similar Description - SY100S351JY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
   Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
   Hex D flip-flop
1991 Feb 08
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351 Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
F100151 NSC-F100151 Datasheet
145Kb / 6P
   Hex D Flip-Flop
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
   Hex D Flip-Flop
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com