Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S350JZ Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S350JZ
Description  HEX D-LATCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S350JZ Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S350JZ Datasheet HTML 1Page - Micrel Semiconductor SY100S350JZ Datasheet HTML 2Page - Micrel Semiconductor SY100S350JZ Datasheet HTML 3Page - Micrel Semiconductor SY100S350JZ Datasheet HTML 4Page - Micrel Semiconductor SY100S350JZ Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY100S350
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
HEX D-LATCH
SY100S350
s Max. transparent propagation delay of 900ps
s Min. Master Reset and Enable pulse widths of 100ps
s IEE min. of –98mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75k
input pull-down resistors
s More than 40% faster than Fairchild
s Approximately 30% lower power than Fairchild
s Function and pinout compatible with Fairchild F100K
s Available in 28-pin PLCC package
FEATURES
DESCRIPTION
The SY100S350 offers six high-speed D-Latches with
both true and complement outputs, and is performance
compatible for use with high-performance ECL systems.
When both enable signals (Ea and Eb) are at a logic LOW,
the latches are transparent and the input signals( D0–D5)
appear at the outputs (Q0–Q5) after a propagation delay. If
either or both of the enable signals are at a logic HIGH, then
the latches store the last valid data present on its inputs
before Ea or Eb went to a logic HIGH. The Master Reset
(MR) overrides all other input signals and takes the outputs
to a logic LOW state. All inputs have 75k
Ω pull-down
resistors.
Rev.: I
Amendment: /0
Issue Date:
April 2007
BLOCK DIAGRAM
D
R
D5
Q5
E
Q5
D
R
D4
Q4
E
Q4
D
R
D3
Q3
E
Q3
D
R
D2
Q2
E
Q2
D
R
D1
Q1
E
Q1
D
R
D0
Q0
E
Q0
Eb
MR
Ea
Pin
Function
D0 — D5
Data Inputs
Ea, Eb
Common Enable Inputs (Active LOW)
MR
Asynchronous Master Reset Input
Q0 — Q5
Data Outputs
Q0 — Q5
Complementary Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES


Similar Part No. - SY100S350JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S350JZ MICREL-SY100S350JZ Datasheet
94Kb / 8P
   HEX D-LATCH
SY100S350JZTR MICREL-SY100S350JZTR Datasheet
94Kb / 8P
   HEX D-LATCH
More results

Similar Description - SY100S350JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_06 Datasheet
94Kb / 8P
   HEX D-LATCH
SY100S350 MICREL-SY100S350 Datasheet
110Kb / 7P
   HEX D-LATCH
logo
Fairchild Semiconductor
100350 FAIRCHILD-100350 Datasheet
74Kb / 7P
   Low Power Hex D-Type Latch
logo
Micrel Semiconductor
SY55853U MICREL-SY55853U Datasheet
54Kb / 7P
   D LATCH
logo
National Semiconductor ...
F100130 NSC-F100130 Datasheet
146Kb / 6P
   TRIPLE D LATCH
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
logo
National Semiconductor ...
100130 NSC-100130 Datasheet
404Kb / 6P
   Triple D Latch
logo
NXP Semiconductors
HEF4042B PHILIPS-HEF4042B Datasheet
60Kb / 6P
   Quadruple D-latch
January 1995
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
   Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
   HEX D FLIP-FLOP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com