Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S391JZTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S391JZTR
Description  LOW-POWER HEX TTL-TO-PECL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S391JZTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S391JZTR Datasheet HTML 1Page - Micrel Semiconductor SY100S391JZTR Datasheet HTML 2Page - Micrel Semiconductor SY100S391JZTR Datasheet HTML 3Page - Micrel Semiconductor SY100S391JZTR Datasheet HTML 4Page - Micrel Semiconductor SY100S391JZTR Datasheet HTML 5Page - Micrel Semiconductor SY100S391JZTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100S391
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
FEATURES
s Operates from a single +5V supply
s Differential PECL outputs
s Function and pinout compatible with Fairchild F100K
s Available in 28-pin PLCC packages
DESCRIPTION
The SY100S391 is a hex TTL-to-PECL translator for
converting TTL logic levels to 100K logic levels. The unique
feature of this translator is the ability to do this translation
using only one +5V supply. The differential outputs allow
each circuit to be used as an inverting/non-inverting translator,
or as a differential line driver. A common enable (E), when
LOW, holds all inverting outputs HIGH and all non-inverting
inputs LOW.
The SY100S391 is ideal for those mixed PECL/TTL
applications which only have a +5V supply available. When
used in the differential mode, the S391, due to its high
common mode rejection, overcomes voltage gradients
between the TTL and PECL ground systems.
Rev.: I
Amendment: /0
Issue Date:
April 2007
SY100S391
LOW-POWER
HEX TTL-TO-PECL
TRANSLATOR
Pin
Function
D0 — D5
Data Inputs (TTL)
Q0 — Q5
Data Outputs (PECL)
Q0 — Q5
Inverting Data Outputs (PECL)
E
Enable Input (TTL)
VCCA
VCCO for ECL Outputs
PIN NAMES
BLOCK DIAGRAM
D0
D1
D2
D3
D4
D5
E
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5


Similar Part No. - SY100S391JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S391JC MICREL-SY100S391JC Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391JCTR MICREL-SY100S391JCTR Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
More results

Similar Description - SY100S391JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com