Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S360JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S360JC
Description  DUAL PARITY CHECKER/ GENERATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S360JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S360JC Datasheet HTML 1Page - Micrel Semiconductor SY100S360JC Datasheet HTML 2Page - Micrel Semiconductor SY100S360JC Datasheet HTML 3Page - Micrel Semiconductor SY100S360JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY100S360
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
BLOCK DIAGRAM
I0a
Za
I1a
C
Zb
I2a
I3a
I4a
I5a
I6a
I7a
Ia
I0b
I1b
I2b
I3b
I4b
I5b
I6b
I7b
Ib
SY100S360
DUAL PARITY
CHECKER/
GENERATOR
s Max. propagation delay of 2200ps
s IEE min. of –70mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75k
input pull-down resistors
s 15% faster than Fairchild 300K
s Approximately 30% lower power than Fairchild 300K
s Function and pinout compatible with Fairchild F100K
s Available in 28-pin PLCC package
FEATURES
DESCRIPTION
The SY100S360 is a dual parity checker/generator and
is designed for use in high-performance ECL systems. The
inputs are segmented into two groups of nine inputs each
and the parity output is at a logic LOW when an even
number of inputs are at a logic HIGH. In each group, one of
the nine inputs (Ia, Ib) has a shorter propagation delay and,
therefore, is ideal as the expansion input for parity
generation of wider data.
A Compare output (C) is also provided which allows
comparison of two 8-bit words. A logic LOW on the C output
indicates a match. The inputs on this device have 75k
pull-down resistors.
Rev.: I
Amendment: /0
Issue Date:
April 2007


Similar Part No. - SY100S360JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360JC MICREL-SY100S360JC Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360JC MICREL-SY100S360JC Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
SY100S360JCTR MICREL-SY100S360JCTR Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360JCTR MICREL-SY100S360JCTR Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
More results

Similar Description - SY100S360JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
logo
Texas Instruments
CY5474FCT480T TI-CY5474FCT480T Datasheet
82Kb / 8P
[Old version datasheet]   Dual 8-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
100360 FAIRCHILD-100360 Datasheet
74Kb / 7P
   Low Power Dual Parity Checker/Generator
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com