Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54020RMG Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY54020RMG
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020RMG Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY54020RMG Datasheet HTML 6Page - Micrel Semiconductor SY54020RMG Datasheet HTML 7Page - Micrel Semiconductor SY54020RMG Datasheet HTML 8Page - Micrel Semiconductor SY54020RMG Datasheet HTML 9Page - Micrel Semiconductor SY54020RMG Datasheet HTML 10Page - Micrel Semiconductor SY54020RMG Datasheet HTML 11Page - Micrel Semiconductor SY54020RMG Datasheet HTML 12Page - Micrel Semiconductor SY54020RMG Datasheet HTML 13Page - Micrel Semiconductor SY54020RMG Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
SY54020R
April 2009
10
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
Functional Characteristics
VCC = 2.5V, VCCO =1.2V GND = 0V, VIN = 400mV, RL = 50Ω to 1.2V, TA = 25°C, unless otherwise stated.


Similar Part No. - SY54020RMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
More results

Similar Description - SY54020RMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54017R MICREL-SY54017R Datasheet
631Kb / 15P
   Low Voltage 1.2V/1.8V CML 2:1 MUX with Fail Safe Inputs, 3.2Gbps, 2.5GHz
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com