Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55852UKC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY55852UKC
Description  D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55852UKC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY55852UKC Datasheet HTML 1Page - Micrel Semiconductor SY55852UKC Datasheet HTML 2Page - Micrel Semiconductor SY55852UKC Datasheet HTML 3Page - Micrel Semiconductor SY55852UKC Datasheet HTML 4Page - Micrel Semiconductor SY55852UKC Datasheet HTML 5Page - Micrel Semiconductor SY55852UKC Datasheet HTML 6Page - Micrel Semiconductor SY55852UKC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SuperLite™
SY55852U
Micrel, Inc.
M9999-060407
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAMS
CLK
DATA
RESET
Q
50%
tH
50%
tS
tRR
tpd
50%
50%
tpd
V
CC = 2.3V to 5.7V; GND = 0V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Max. Operating Frequency
2.5
GHz
t
pd
Propagation Delay
CLK to Q
400
ps
R to Q
500
tS
Set-Up Time
40
ps
tH
Hold Time
40
ps
tRR
Reset Recovery
400
ps
tPW
Minimum Pulse Width
CLK to Q
VCC < 3V
160
ps
VCC > 3V
140
R to Q
250
tr,tf
CML Output Rise/Fall Times
35
150
ps
(20% to 80%)
Note:
1. Tested using environment of Figure 3b, 50
Ω load CML output.
AC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY55852UKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55852UKC MICREL-SY55852UKC Datasheet
54Kb / 7P
   D FLIP-FLOP
SY55852UKCTR MICREL-SY55852UKCTR Datasheet
54Kb / 7P
   D FLIP-FLOP
More results

Similar Description - SY55852UKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
Integral Corp.
IN74HC574 INTEGRAL-IN74HC574 Datasheet
112Kb / 5P
   Noninverting D Flip-Flop
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
108Kb / 12P
   Single D Flip Flop
May, 2002 ??Rev. 2
NL17SZ74 ONSEMI-NL17SZ74_15 Datasheet
85Kb / 6P
   Single D Flip Flop
June, 2015 ??Rev. 11
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com