Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55851 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY55851
Description  2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55851 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY55851_09 Datasheet HTML 1Page - Micrel Semiconductor SY55851_09 Datasheet HTML 2Page - Micrel Semiconductor SY55851_09 Datasheet HTML 3Page - Micrel Semiconductor SY55851_09 Datasheet HTML 4Page - Micrel Semiconductor SY55851_09 Datasheet HTML 5Page - Micrel Semiconductor SY55851_09 Datasheet HTML 6Page - Micrel Semiconductor SY55851_09 Datasheet HTML 7Page - Micrel Semiconductor SY55851_09 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SuperLite™
SY55851
SY55851A
Micrel, Inc.
M9999-072909
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
1
S
/S
A
/A
GND
10 VCC
/B
B
Q
/Q
9
8
7
6
2
3
4
5
8-Pin MSOP (K10-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY55851UKI
K10-1
Industrial
851U
Sn-Pb
SY55851UKITR(2)
K10-1
Industrial
851U
Sn-Pb
SY55851AUKI
K10-1
Industrial
851A
Sn-Pb
SY55851AUKITR(2)
K10-1
Industrial
851A
Sn-Pb
SY55851UKG(3)
K10-1
Industrial
851U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY55851UKGTR(2, 3)
K10-1
Industrial
851U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY55851AUKG(3)
K10-1
Industrial
851A with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY55851AUKGTR(2, 3)
K10-1
Industrial
851A with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.
Pin Number
Pin Name
Pin Function
1, 2
S, /S
CML, PECL, LVPECL Input Selector: This differential CML input is one of the inputs to
the logic block. It represents either one Boolean input for a 2-variable logic function,
or the select input for a 2-input MUX.
3, 4
A, /A
CML, PECL, LVPECL Input: This is one of the differential inputs to the logic block. For
a 2-variable logic function, it is either a constant value or a Boolean input. For a 2-
input MUX, this signal represents the output when S is set to logic zero.
5
GND
Ground.
6, 7
/Q, Q
Differential CML Output: This is the differential CML output for the logic block. For
termination guidelines, see Figure 3.
8, 9
B, /B
CML, PECL, LVPECL Input: This is one of the differential inputs to the logic block. For
a 2-variable logic function, it is either a constant value or a Boolean input. For a 2-
input MUX, this signal represents the output when S is set to logic one.
10
VCC
VCC.
PIN DESCRIPTION


Similar Part No. - SY55851_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851A MICREL-SY55851A Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851AUKG MICREL-SY55851AUKG Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
logo
Microchip Technology
SY55851AUKG MICROCHIP-SY55851AUKG Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851AUKGTR MICREL-SY55851AUKGTR Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
More results

Similar Description - SY55851_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851 MICREL-SY55851 Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Maxim Integrated Produc...
DG417L MAXIM-DG417L Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
logo
Anaren Microwave
BD2425P50100A00 ANAREN-BD2425P50100A00 Datasheet
217Kb / 5P
   Nano Profile 0404 Balun 50廓 to 100廓 Balanced
logo
Johanson Technology Inc...
0783FB15A0100 JOHANSON-0783FB15A0100 Datasheet
153Kb / 2P
   50:100廓 783MHz Balun-Filter
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Anaren Microwave
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
logo
Anaren Microwave
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD3150N5010A00 ANAREN-BD3150N5010A00 Datasheet
234Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 100廓 Balanced
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com