Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58013UMG Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58013UMG
Description  6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58013UMG Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58013UMG Datasheet HTML 2Page - Micrel Semiconductor SY58013UMG Datasheet HTML 3Page - Micrel Semiconductor SY58013UMG Datasheet HTML 4Page - Micrel Semiconductor SY58013UMG Datasheet HTML 5Page - Micrel Semiconductor SY58013UMG Datasheet HTML 6Page - Micrel Semiconductor SY58013UMG Datasheet HTML 7Page - Micrel Semiconductor SY58013UMG Datasheet HTML 8Page - Micrel Semiconductor SY58013UMG Datasheet HTML 9Page - Micrel Semiconductor SY58013UMG Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY58013U
Micrel, Inc.
M9999-063010
hbwhelp@micrel.com or (408) 955-1690
Figure 4. Parallel Termination–Thevenin Equivalent
Note 1. For +2.5V systems: R1 = 250 ohms, R2 = 62.5 ohms
Note 2. For +3.3V systems: R1 = 130 ohms, R2 = 82 ohms
Figure 5. Three-Resistor “Y–Termination”
Note 1. Power-saving alternative to Thevenin termination.
Note 2. Place termination resistors as close to destination inputs as
possible.
Note 3. Rb resistor sets the DC bias voltage, equal to VT.
For +2.5V systems Rb = 39 ohms.
For +3.3V systems Rb = 46 ohms to 50 ohms.
Note 4. C1 is an optional bypass capacitor intended to compensate for
any
tr/tf mismatches.
OUTPUT TERMINATION RECOMMENDATIONS
LVPECL outputs have very low output impedance (open
emitter), and small signal swing which results in low EMI
(electro-magnetic interference). The LVPECL is ideal for
driving 50 ohms and 100 ohms controlled impedance
transmission lines. In addition, LVPECL is compatible for
driving standard PECL inputs since PECL inputs require only
100mV input swing. Further, there are several techniques
in terminating the LVPECL outputs, as shown in Figure 4
through 6.
Figure 6. Terminating Unused I/O
Note 1. Unused output (/Q) must be terminated to balance the output.
Note 2. For+2.5Vsystems: R1=250ohms,R2=62.5ohms,R3=1.25kohms,
R4 = 1.2k ohms.
For +3.3V systems: R1 = 130 ohms, R2 = 82 ohms, R3 = 1k ohms,
R4 = 1.6k
ohms.
Note 3. Unusedoutputpairs(Qand/Q)maybeleftfloating.
Part Number
Function
Data Sheet link
SY58011U
7GHz, 1:2 CML Fanout Buffer/Translator
http://www.micrel.com/product-info/prod/ucts/sy58011u.shtml
With Internal I/O Termination
SY58012U
5GHz, 1:2 LVPECL Fanout Buffer/Translator With
http://www.micrel.com/product-info/products/sy58012u.shtml
Internal Input Termination
SY58013U
6GHz, 1:2 Fanout Buffer/Translator w/400mV
http://www.micrel.com/product-info/products/sy58013u.shtml
LVPECL Outputs and Internal Input Termination
16-MLF® Manufacturing Guidelines
www.amkor.com/products/notes_papers/mlf_AppNote_0902.
Exposed Pad Application Note
.pdf
M-0317
HBW Solutions
http://www.micrel.com/product-info/as/solutions.shtml
RElATED MICREl PRODUCTS AND SUPPORT DOCUMENTATION


Similar Part No. - SY58013UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013UMG MICREL-SY58013UMG Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013UMG MICREL-SY58013UMG Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013UMGTR MICREL-SY58013UMGTR Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013UMGTR MICREL-SY58013UMGTR Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
More results

Similar Description - SY58013UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58022U MICREL-SY58022U_09 Datasheet
512Kb / 9P
   5.5GHz 1:4 FANOUT BUFFER/ translator w/400mV LVPECL OUTPUTS
SY58022U MICREL-SY58022U Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com