Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58026U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58026U
Description  ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58026U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58026U Datasheet HTML 1Page - Micrel Semiconductor SY58026U Datasheet HTML 2Page - Micrel Semiconductor SY58026U Datasheet HTML 3Page - Micrel Semiconductor SY58026U Datasheet HTML 4Page - Micrel Semiconductor SY58026U Datasheet HTML 5Page - Micrel Semiconductor SY58026U Datasheet HTML 6Page - Micrel Semiconductor SY58026U Datasheet HTML 7Page - Micrel Semiconductor SY58026U Datasheet HTML 8Page - Micrel Semiconductor SY58026U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58026U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Two independent differential 2:1 multiplexers
Guaranteed AC performance over temperature and
voltage:
• DC-to >5Gbps data rate throughput
• <310ps IN-to-Out tpd
• <110ps tr /tf
Unique, patent-pending input isolation design
minimizes crosstalk
Ultra-low jitter design:
• <1psRMS random jitter
• <10psPP deterministic jitter
• <10psPP total jitter (clock)
• <0.7psRMS crosstalk-induced jitter
Unique, patent-pending 50ý input termination and
VT pin accepts DC-coupled and AC-coupled inputs
(CML, LVDS, PECL)
800mV LVPECL output swing
Power supply 2.5V ±5% or 3.3V ±10%
–40°C to +85°C temperature range
Available in 32-pin (5mm
∞ 5mm) MLF® package
FEATURES
ULTRA PRECISION DUAL 2:1 LVPECL
MUX WITH INTERNAL TERMINATION
Precision Edge®
SY58026U
APPLICATIONS
Data communication systems
SONET applications
Fibre Channel applications
GigE applications
Rev.: E
Amendment: /0
Issue Date:
August 2007
The SY58026U features two ultra-fast, low jitter 2:1
differential muxes with a guaranteed maximum data
throughput of 5Gbps.
The SY58026U differential inputs include a unique
internal termination design that allows access to the
termination network through a VT pin. The device easily
interfaces to different logic standards, both AC- and DC-
coupled, without external resistor-bias and termination
networks. The result is a clean, stub-free, low jitter interface
solution. The differential 800mV LVPECL outputs have
extremely fast rise/fall times guaranteed to be less than
110ps.
The SY58026U operates from a 2.5V or 3.3V supply,
and is guaranteed over the full industrial temperature range
(–40°C to +85°C). The SY58026U is part of Micrel’s Precision
Edge® product family.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
AnyGate and Precision Edge are registered trademarks of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
Precision Edge®
QA
/QA
INA0
/INA0
VTA0
50
50
INA1
VREF-ACA0
/INA1
VTA1
50
50
VREF-ACA1
0
1
MUX A
SELA
(TTL/CMOS)
S
QB
/QB
INB0
/INB0
VTB0
50
50
INB1
VREF-ACB0
/INB1
VTB1
50
50
VREF-ACB1
0
1
MUX B
SELB
(TTL/CMOS)
S


Similar Part No. - SY58026U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026U MICREL-SY58026U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMG MICREL-SY58026UMG Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMGTR MICREL-SY58026UMGTR Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMI MICREL-SY58026UMI Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58026U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com