Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58020U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58020U
Description  6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58020U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58020U Datasheet HTML 1Page - Micrel Semiconductor SY58020U Datasheet HTML 2Page - Micrel Semiconductor SY58020U Datasheet HTML 3Page - Micrel Semiconductor SY58020U Datasheet HTML 4Page - Micrel Semiconductor SY58020U Datasheet HTML 5Page - Micrel Semiconductor SY58020U Datasheet HTML 6Page - Micrel Semiconductor SY58020U Datasheet HTML 7Page - Micrel Semiconductor SY58020U Datasheet HTML 8Page - Micrel Semiconductor SY58020U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Precision Edge®
SY58020U
Micrel, Inc.
M9999-102811
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Power Supply Voltage (VCC) .......................–0.5V to +4.0V
Input Voltage (VIN) .........................................–0.5V to VCC
CML Output Voltage (VOUT) ...........VCC–1.0V to VCC+0.5V
Current (VT)
Source or sink current on VT pin........................ ±100mA
Input Current
Source or sink current on IN, /IN ......................... ±50mA
Current (VREF)
Source or sink current on VREF-AC, Note 4 ........ ±1.5mA
Operating Ratings(Note 2)
Supply Voltage (VCC) ............................+2.375V to +3.60V
Operating Temperature Range (TA) .......... –40°C to +85°C
Package Thermal Resistance
QFN
JA)
Still-Air ............................................................ 60°C/W
500lfpm ........................................................... 54°C/W
QFN
JB)
(Junction-to-Board Resistance), Note 3 ......... 33°C/W
Lead Temperature Soldering, (20 seconds) ............. 260°C
Storage Temperature Range (TSTORE) ... –65°C to +150°C
TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V
2.375
2.5
2.625
V
VCC = 3.3V
3.0
3.3
3.60
V
ICC
Power Supply Current
No load, VCC = max.
150
180
mA
(includes internal 50ohms pull-up)
VIH
Input HIGH Voltage
Note 6
VCC–1.6
VCC
V
VIL
Input LOW Voltage
0
VIH–0.1
V
VIN
Input Voltage Swing
See Figure 1a
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b
0.2
3.4
V
RIN
IN-to-VT Resistance
40
50
60
ohms
VREF-AC
Output Reference Voltage
VCC –1.3 VCC –1.2 VCC –1.1
V
VT IN
IN-to-VT Voltage
1.28
V
DC ELECTRICAL CHARACTERISTICS(Notes 5)
VCC = 3.3V ±10% or 2.5V ±5%; RL = 100ý across each output pair or equivalent; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
VCC –0.020 VCC –0.010
VCC
V
VOUT
Output Voltage Swing
see Figure 1a
325
400
500
mV
VDIFF_OUT
Differential Output Voltage Swing
see Figure 1b
650
800
1000
mV
ROUT
Output Source Impedance
40
50
60
ohms
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional
operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE
MAXIMUM RATINGS conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Thermal performance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
Note 4.
Due to the limited drive capability, use for input of the same package only.
Note 5.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 6.
VIH (min.) not lower than 1.2V.
CML DC ELECTRICAL CHARACTERISTICS(Notes5)


Similar Part No. - SY58020U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMG MICREL-SY58020UMG Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMG MICREL-SY58020UMG Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58020U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com