Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58024UMG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58024UMG
Description  ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58024UMG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58024UMG Datasheet HTML 1Page - Micrel Semiconductor SY58024UMG Datasheet HTML 2Page - Micrel Semiconductor SY58024UMG Datasheet HTML 3Page - Micrel Semiconductor SY58024UMG Datasheet HTML 4Page - Micrel Semiconductor SY58024UMG Datasheet HTML 5Page - Micrel Semiconductor SY58024UMG Datasheet HTML 6Page - Micrel Semiconductor SY58024UMG Datasheet HTML 7Page - Micrel Semiconductor SY58024UMG Datasheet HTML 8Page - Micrel Semiconductor SY58024UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Precision Edge®
SY58024U
Micrel, Inc.
M9999-082807
hbwhelp@micrel.com or (408) 955-1690
VCC = +2.5V ±5% or +3.3V ±10%; RL = 100Ω across each output pair; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
V
IN ≥ 100mV; VOUT ≥ 200mV
Clock
6
GHz
NRZ Data
10.7
Gbps
tpd
Propagation Delay
IN-to-Q
200
350
ps
SEL-to-Q
100
400
ps
tSKEW
Channel-to-Channel Skew
(Within Bank)
Note 8
20
ps
Part-to-Part Skew
Note 9
75
ps
tJITTER
Clock
Cycle-to-Cycle Jitter
Note 10
1psRMS
Total Jitter
Note 11
10
psPP
Data
Random Jitter
Note 12
1psRMS
Deterministic Jitter
Note 13
10
psPP
Crosstalk Induced Jitter
Note 14
0.7
psRMS
Adjacent Channel
tr, tf
Output Rise/Fall Time
20% to 80% at full swing.
25
60
ps
Notes:
7.
High frequency AC-parameters are guaranteed by design and characterization.
8.
Skew is measured between outputs of the same bank under identical transitions.
9.
Skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs.
10. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, T
n–Tn–1 where T is the time between rising edges of the output
signal.
11. Total jitter definition: With an ideal clock input of frequency ≤ fMAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
12. Random jitter is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps–3.2Gbps.
13. Deterministic jitter is measured at 2.5Gbps–3.2Gbps with both K28.5 and 223–1 PRBS pattern.
14. Crosstalk induced jitter is defined as the added jitter that results from signals applied to two adjacent channels. It is measured at the output while
applying similar, differential clock frequencies that are asynchronous with respect to each other at inputs.
AC ELECTRICAL CHARACTERISTICS(7)
V
CC = +3.3V ±10% or +2.5V ±5%; RL = 100Ω across each pair; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
Q0, /Q0; Q1, /Q1
V
CC–0.020
V
CC
V
V
OUT
Output Voltage Swing
Q0, /Q0; Q1, /Q1; see Figure 1a.
325
400
500
mV
V
DIFF_OUT
Differential Voltage Swing
Q0, /Q0; Q1, /Q1; see Figure 1b.
650
800
1000
mV
R
OUT
Output Source Impedance
Q0, /Q0; Q1, /Q1
40
50
60
Notes:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
CML OUTPUT DC ELECTRICAL CHARACTERISTICS(6)


Similar Part No. - SY58024UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58024UMG MICREL-SY58024UMG Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58024UMGTR MICREL-SY58024UMGTR Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58024UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U_07 Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com