Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58020UMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58020UMGTR
Description  6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58020UMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58020UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58020UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precision Edge®
SY58020U
Micrel, Inc.
M9999-102811
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to +85°C; RL = 100ohms across each output pair or equivalent, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
VOUT • 200mV
Clock
6
GHz
NRZ Data
10
Gbps
tpd
Propagation Delay
110
180
260
ps
tCHAN
Channel-to-Channel Skew
Note 7
415
ps
tSKEW
Part-to-Part Skew
Note 8
50
ps
tJITTER
RMS Phase Jitter
Output = 622MHz
116
fs(rms)
Integration Range: 12kHz - 20MHz
tr, tf
Output Rise/Fall Time 20% to 80%
At full swing
20
40
60
ps
Note 7.
Skew is measured between outputs of the same bank under identical transitions.
Note 8.
Skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs.
RMS PHase Jitter (Random)
12kHz to 20MHz = 116fs (Typical)
OFFSET FREQUENCY (Hz)
Phase Noise Plot: 622MHz @ 3.3V
AC ELECTIRCAL CHARACTERISTICS
PHASE NOISE


Similar Part No. - SY58020UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
More results

Similar Description - SY58020UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com