Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58024U_0708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58024U_0708
Description  ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58024U_0708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58024U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58024U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58024U
Micrel, Inc.
M9999-082807
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ Guaranteed AC performance over temperature and
voltage:
• >10.7Gbps data throughput
• <60ps tr/tf times
• <350ps tpd (IN-to-Q)
• <20ps skew
■ Low jitter:
• <10psPP total jitter (clock)
• <1psRMS random jitter (data)
• <10psPP deterministic jitter (data)
■ Crosstalk induced jitter: <0.7ps
RMS
■ Unique, patent-pending input isolation minimizes
adjacent channel crosstalk
■ Accepts an input signal as low as 100mV
■ Unique, patent-pending input termination and VT pin
accepts DC-coupled and AC-coupled differential
inputs: LVPECL, LVDS, and CML
■ Fully differential inputs/outputs
■ 50source terminated CML outputs
■ Power supply 2.5V ±5% and 3.3V ±10%
■ Industrial –40°C to +85°C temperature range
■ Available in 32-pin (5mm ×
×
×
×
× 5mm) MLF® package
FEATURES
Rev.: I
Amendment: /0
Issue Date:
August 2007
The SY58024U is a 2.5V/3.3V precision, high-speed, fully
differential dual CML crosspoint switch. The SY58024U is
optimized to provide two identical output copies with less
than 20ps of skew and ultra-low jitter. The SY58024U can
process clock signals as fast as 6GHz or data patterns up
to 10.7Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows the SY58024U to directly
interface to LVPECL, LVDS, and CML differential signal
(AC- or DC-coupled) without any level-shifting or termination
resistor networks in the signal path. The CML outputs
features a 400mV typical swing into 50Ω loads, and provides
an extremely fast rise/fall time guaranteed to be less than
60ps.
The SY58024U operates from a 2.5V ±5% supply or
3.3V ±10% supply and is guaranteed over the full industrial
temperature range (–40°C to +85°C). For applications that
require high-speed single channel CML switches, consider
the SY58023U. The SY58024U is part of Micrel’s high-
speed, Precision Edge® product line.
Datasheets and support documentation can be found on
Micrel’s website at: www.micrel.com.
Precision Edge is a registered trademark of Micrel, Inc.
MLF and
MicroLeadFrame are registered trademarks of Amkor Technology.
Precision Edge®
APPLICATIONS
■ Gigabit Ethernet data/clock routing
■ SONET data/clocking routing
■ Switch fabric clock routing
■ Redundant switchover
■ Backplane redundancy
Precision Edge®
SY58024U
ULTRA-LOW JITTER DUAL 2 ×
×
×
×
× 2
CROSSPOINT SWITCH w/ CML OUTPUTS
AND INTERNAL I/O TERMINATION


Similar Part No. - SY58024U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58024U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U_07 Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com