Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58026U_0708 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58026U_0708
Description  ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58026U_0708 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58026U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 9Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 10Page - Micrel Semiconductor SY58026U_0708 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY58026U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
INPUT AND OUTPUT STAGE INTERNAL TERMINATION
INPUT INTERFACE APPLICATIONS
50
50
VCC
GND
/IN
VT
IN
Figure 2a. Simplified Differential Input Stage
VCC
Q
/Q
Figure 2b. Simplified LVPECL Output Stage
CML
IN
/IN
VREF-AC
VT
0.01
µF
SY58026U
VCC
VCC
GND
Figure 3e. AC-Coupled
CML Interface
CML
IN
/IN
VREF-AC
NC
SY58026U
VCC
VT
NC
GND
Option: May connecct V
T to VCC.
Figure 3d. DC-Coupled
CML Interface
LVPECL
IN
/IN
VT
SY58026U
VCC
0.01
µF
Rb
NC
For VCC = 3.3V, Rb = 50Ω.
For VCC = 2.5V, Rb = 19Ω.
GND
VREF-AC
GND
VCC
Figure 3a. DC-Coupled
PECL Interface
LVDS
IN
/IN
NC
SY58026U
VCC
VT
NC
GND
VREF-AC
Figure 3c. LVDS
Interface
LVPECL
IN
/IN
SY58026U
VCC
Rp
Rp
For VCC = 3.3V, Rp = 100Ω.
For VCC = 2.5V, Rp = 50Ω.
GND
GND
VT
0.01
µF
VCC
VREF-AC
Figure 3b. AC-Coupled
PECL Interface


Similar Part No. - SY58026U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026UMG MICREL-SY58026UMG Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMGTR MICREL-SY58026UMGTR Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMI MICREL-SY58026UMI Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMITR MICREL-SY58026UMITR Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58026U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com