Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58030UMITR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58030UMITR
Description  ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58030UMITR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58030UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 10Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY58030U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
INPUT STAGE
50Ω
50Ω
VCC
GND
/IN
VT
IN
Figure 3. Simplified Differential Input Stage
INPUT INTERFACE APPLICATIONS
LVPECL
IN
/IN
VT
SY58030U
VCC
Rpd
Rpd
For a 3.3V system, Rpd = 100Ω
For a 2.5V system, Rpd = 50Ω
GND
GND
VREF-AC
VCC
0.01µF
Figure 4d. LVPECL
Interface (AC-Coupled)
LVDS
IN
/IN
VT
NC
SY58030U
VCC
GND
NC
VREF-AC
Figure 4e. LVDS Interface
CML
IN
/IN
VT
NC
SY58030U
VCC
GND
NC
VREF-AC
Figure 4a. CML
Interface (DC-Coupled)
Option: May connect VT to VCC
LVPECL
IN
/IN
VT
SY58030U
VCC
Rpd
For a 3.3V system, Rpd = 50Ω
For a 2.5V system, Rpd = 19Ω
GND
NC
VREF-AC
VCC
0.01µF
Figure 4c. PECL
Interface (DC-Coupled)
CML
IN
/IN
VT
SY58030U
VCC
VCC
GND
0.01µF
VREF-AC
Figure 4b. CML
Interface (AC-Coupled)


Similar Part No. - SY58030UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58030UMITR MICREL-SY58030UMITR Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results

Similar Description - SY58030UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58028U_0708 MICREL-SY58028U_0708 Datasheet
158Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com