Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58030UMITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58030UMITR
Description  ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58030UMITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY58030UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 10Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
Precision Edge®
SY58030U
TYPICAL OPERATING CHARACTERISTICS
VCC = 2.5V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
232
233
234
235
236
237
238
239
240
0
200
400
600
800
1000
INPUT VOLTAGE SWING (mV)
Propagation Delay
vs. Input Voltage Swing
0
0.5
1
1.5
2
2.5
3
3.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Output-to-Output Skew
vs. Temperature
228
230
232
234
236
238
240
242
244
246
-60 -40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
Propagation Delay
vs. Temperature
0
50
100
150
200
250
300
350
400
450
0123456789 10
FREQUENCY (GHz)
Output Amplitude
vs. Frequency


Similar Part No. - SY58030UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58030UMITR MICREL-SY58030UMITR Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results

Similar Description - SY58030UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58028U_0708 MICREL-SY58028U_0708 Datasheet
158Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com