Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58033U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58033U
Description  ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58033U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58033U Datasheet HTML 1Page - Micrel Semiconductor SY58033U Datasheet HTML 2Page - Micrel Semiconductor SY58033U Datasheet HTML 3Page - Micrel Semiconductor SY58033U Datasheet HTML 4Page - Micrel Semiconductor SY58033U Datasheet HTML 5Page - Micrel Semiconductor SY58033U Datasheet HTML 6Page - Micrel Semiconductor SY58033U Datasheet HTML 7Page - Micrel Semiconductor SY58033U Datasheet HTML 8Page - Micrel Semiconductor SY58033U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY58033U
Micrel, Inc.
M9999-072810
hbwhelp@micrel.com or (408) 955-1690
PACkAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
3,6
IN,/IN
DifferentialSignalInput: Eachpinofthispairinternallyterminateswith50Ωtothe
VT pin. Note that this input will default to an indeterminate state if left open.
See “Input Interface Applications” section.
4
VT
Input Termination Center-Tap: Each input terminates to this pin. The VT pin provides a
center-tap for each input (IN, /IN) to the termination network for maximum interface
flexibility.See“InputInterfaceApplications”section.
2, 7, 17, 24
GND,
Ground. Exposed pad must be connected to a ground plane that is the same potential
Exposed Pad
as the ground pin.
1, 8, 9, 16,
VCC
Positive Power Supply: Bypass with 0.1µF||0.01µF low ESR capacitors as close to the
18, 23, 25, 32
pins as possible.
31, 30, 29, 28, 27,
Q0,/Q0, Q1,/Q1,
400mV LVPECL Differential Output Pairs: Differential buffered output copy of the
26,22,21,20,19, Q2,/Q2,Q3,/Q3 inputsignal.TheLVPECLoutputswingistypically400mVinto50Ω.Unused
15,14,13,12,
Q4,/Q4,Q5,/Q5, outputpairsmaybeleftfloatingwithnoimpactonjitter.See“LVPECLOutput”section.
11, 10
Q6, /Q6, Q7, /Q7
5
VREF-AC
Bias Reference Voltage: Equal to VCC–1.2V (approx.), and used for AC-coupled
applications. See “Input Interface Applications” section. When using VREF-AC, bypass
with 0.01µF capacitor to VCC. Maximum sink/source current is 0.5mA.
PIN DESCRIPTION
32-PinQFN(QFN-32)
Ordering Information(1)
Package Operating
Package
PartNumber
Type
Range
Marking
SY58033UMG(3)
QFN-32
Industrial
SY58033U with
Pb-Free
Pb-Free bar-line indicator
SY58033UMGTR(2, 3) QFN-32
Industrial
SY58033U with
Pb-Free
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
All devices are Pb-Free.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58033U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
1Mb / 9P
   CML & LVPECL Fanout Buffer
SY58033UMG MICREL-SY58033UMG Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033UMG MICREL-SY58033UMG Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033UMGTR MICREL-SY58033UMGTR Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
More results

Similar Description - SY58033U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
SY58022U MICREL-SY58022U_09 Datasheet
512Kb / 9P
   5.5GHz 1:4 FANOUT BUFFER/ translator w/400mV LVPECL OUTPUTS
SY58013U MICREL-SY58013U_11 Datasheet
587Kb / 10P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_07 Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com