Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58608U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58608U
Description  3.2Gbps Precision, 1:2 LVDS Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58608U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58608U_10 Datasheet HTML 1Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 2Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 3Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 4Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 5Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 6Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 7Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 8Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SY58608U
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
with Internal Termination and Fail Safe Input
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2006
M9999-102706-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY58608U is a 2.5V, high-speed, fully differential
1:2 LVDS fanout buffer optimized to provide two
identical output copies with less than 20ps of skew and
less than 10psPP total jitter. The SY58608U can process
clock signals as fast as 2GHz or data patterns up to
3.2Gbps.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that interfaces to LVPECL,
LVDS or CML differential signals, (AC- or DC-coupled)
as small as 100mV (200mVPP) without any level-shifting
or termination resistor networks in the signal path. For
AC-coupled input interface applications, an integrated
voltage reference (VREF-AC) is provided to bias the VT pin.
The outputs are 325mV LVDS, with rise/fall times
guaranteed to be less than 100ps.
The SY58608U operates from a 2.5V ±5% supply and is
guaranteed over the full industrial temperature range (–
40°C to +85°C). For applications that require CML or
LVPECL outputs, consider Micrel’s SY58606U and
SY58607U, 1:2 fanout buffers with 400mV and 800mV
output swings respectively. The SY58608U is part of
Micrel’s high-speed, Precision Edge
® product line.
Data sheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• Precision 1:2, 325mV LVDS fanout buffer
• Guaranteed AC performance over temperature and
voltage:
– DC-to > 3.2Gbps throughput
– <300ps propagation delay (IN-to-Q)
– <20ps within-device skew
– <100ps rise/fall times
• Fail Safe Input
Prevents outputs from oscillating when input is
invalid
• Ultra-low jitter design
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter
– <1psRMS random jitter
– <10psPP deterministic jitter
• High-speed LVDS outputs
• 2.5V ±5% power supply operation
• Industrial temperature range: –40°C to +85°C
• Available in 16-pin (3mm x 3mm) QFN package
Applications
• All SONET clock and data distribution
• Fibre Channel clock and data distribution
• Gigabit Ethernet clock and data distribution
• Backplane distribution
Markets
• DataCom
• Telecom
• Storage
• ATE
• Test and Measurement


Similar Part No. - SY58608U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58608U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U_10 Datasheet
625Kb / 12P
   3.2Gbps Precision, LVDS Buffer with
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
SY89200U MICREL-SY89200U_10 Datasheet
493Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer
logo
Integrated Device Techn...
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
   Dual 1:2, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102_18 Datasheet
386Kb / 18P
   Dual 1:2, LVDS Output Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
   1:2 LVDS Output 1.8V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
   1:2 LVDS Output 1.8V Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com