Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58626LMHTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58626LMHTR
Description  DC-to-6.4Gbps Backplane Transmit Buffer with
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58626LMHTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58626LMHTR Datasheet HTML 1Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 2Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 3Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 4Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 5Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 6Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 7Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 8Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SY58626L
DC-to-6.4Gbps Backplane Transmit Buffer with
Selectable Output Pre-emphasis, I/O DC-Offset
Control, and 200mV-3.0VPP Output Swing
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2007
M9999-061207-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY58626L high-speed, low jitter transmit buffer is
optimized for backplane and transmission line data-path
management applications in Automatic Test Equipment
(ATE) and Test & Measurement (T&M) systems. The
buffer includes a CML compatible, variable swing output
with selectable pre-emphasis.
The SY58626L is
capable of driving serial data from DC through 6.4Gbps
with a 3VPP (1.5VPK single ended) differential swing.
The
SY58626L
differential
input
includes
Micrel’s
unique, 3-pin input termination architecture that directly
interfaces to any DC- or AC-coupled, differential signal
as small as 100mVPK without any termination resistor
networks in the signal path. The outputs are 50
source-terminated CML with a programmable output
swing from 200mVPP to 3VPP (100mVPK to 1.5VPK).
The SY58626L includes an output stage that provides 4
levels of pre-emphasis. The output pre-emphasis level is
programmed with a three-bit interface.
Unlike other
transmitter solutions, the output pre-emphasis duration
can be programmed from 60ps to 400ps.
The SY58626L operates at 3.3V ±10% supply and is
guaranteed over the commercial temperature range of
0°C to +70°C. The SY58626L transmitter is optimized to
work with the SY58627L receiver. The SY58626L is part
of Micrel’s high-speed, Precision Edge
® product line.
Data sheets and support documentation can be found
on Micrel’s website at: www.micrel.com.
Precision Edge
®
Features
• Transmit driver provides output pre-emphasis to
extend transmission range
• 4 selectable pre-emphasis levels
• Drives 6.4Gbps up to 12 FR4 PCB trace, or longer
combinations of FR4+cable+interconnect
• DC through 6.4Gbps data rate throughput
• Integrated loopback capability
• Unique pre-emphasis:
-
Programmable pre-emphasis magnitude
-
Programmable pre-emphasis duration
• Unique, flexible I/O:
-
Internal termination to VTTIN pin interfaces to any
differential AC- or DC-coupled signals
-
50
Ω source terminated CML outputs minimize
round-trip reflections
-
Programmable output swing control: 200mV-
3.0VPP
-
Output Disable and output shutdown
-
DC-offset control with VTT I/O
• 3.3V ±10% supply voltage
• 0°C to +70°C temperature range
• Available in 32-pin (5mm x 5mm) QFN package
Applications
• ATE, T&M backplane management
• Combination FR4+cable+interconnect driver
• Cable drivers
• Electrical interface and interconnect applications that
require DC-offset control


Similar Part No. - SY58626LMHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626LMHTR MICREL-SY58626LMHTR Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
More results

Similar Description - SY58626LMHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58627L MICREL-SY58627L Datasheet
1Mb / 18P
   DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
logo
Texas Instruments
DS25BR120 TI-DS25BR120 Datasheet
845Kb / 16P
[Old version datasheet]   DS25BR120 3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com