Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58621LMG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58621LMG
Description  Precision 3.2Gbps CML/LVPECL Backplane
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58621LMG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58621LMG Datasheet HTML 1Page - Micrel Semiconductor SY58621LMG Datasheet HTML 2Page - Micrel Semiconductor SY58621LMG Datasheet HTML 3Page - Micrel Semiconductor SY58621LMG Datasheet HTML 4Page - Micrel Semiconductor SY58621LMG Datasheet HTML 5Page - Micrel Semiconductor SY58621LMG Datasheet HTML 6Page - Micrel Semiconductor SY58621LMG Datasheet HTML 7Page - Micrel Semiconductor SY58621LMG Datasheet HTML 8Page - Micrel Semiconductor SY58621LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
SY58621L
January 2006
4
M9999-012006-B
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Inputs
Pin Number
Pin Name
Pin Description
23
LOOPBACK
LOOPBACK Mode Control. TTL/CMOS control input. LOOPBACK is an active HIGH signal
used to control the LOOPBACK MUX. LOOPBACK is internally connected to a 25k
W pull-
down resistor and will default to a LOW state if left open. VTH = VCC/2.
20
/RXEN
Receiver Output Control. TTL/CMOS control input. /RXEN is an active LOW signal used to
enable the receiver outputs. /RXEN is internally connected to a 25k
W pull-down resistor and will
default to a LOW state if left open. VTH = VCC/2.
1, 2
RXIN, /RXIN
Receiver Differential Input. Input accepts AC differential signals as small as 10mV (20mVPP).
Each pin internally terminates to VCC_RXIN-1.3V (internal voltage reference) through 50
W. Input
will default to an indeterminate state if left open. See figure 6b.
7
/TXEN
Transmitter Output Control. TTL/CMOS control input. /TXEN is an active LOW signal used to
enable the transmitter output. /TXEN is internally connected to a 25k
W pull-down resistor and
will default to a LOW state if left open. VTH = VCC/2.
14, 13
TXIN, /TXIN
Transmitter Differential Input. Input accepts AC- or DC-coupled differential signals as small as
100mV (200mVPP). Each pin terminates to the TXVT pin through 50
W. Note that this input will
default to an indeterminate state if left open. See figure 6a.
9
TXVCTRL
Transmitter Output Swing Control. Input that controls the output amplitude of the transmitter.
The operating range of the control input is from VREF_CTRL (max swing) to VCC (min swing).
Control of the output swing can be obtained by using a variable resistor between VREF_CTRL and
VCC_TXQ through a wiper driving TXVCTRL. Setting TXVCTRL to VCC_TXQ sets the output swing
to min swing. Refer to the “Interface Applications” and “Output Stage” sections for more
details.
11
TXVT
Input Termination Center-Tap. Each side of the transmitter differential input pair terminates to
the TXVT pin. The TXVT pin provides a center-tap to a termination network for maximum
interface flexibility. Refer to the “Input Stage” section for more details.


Similar Part No. - SY58621LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621LMG MICREL-SY58621LMG Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58621LMGTR MICREL-SY58621LMGTR Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58621LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY89297U MICREL-SY89297U Datasheet
609Kb / 15P
   2.5/3.3V, 3.2Gbps Precision CML
SY58604U MICREL-SY58604U_11 Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com