Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87729LHYTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY87729LHYTR
Description  3.3V AnyClock짰, 10MHz to 365MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87729LHYTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY87729LHYTR Datasheet HTML 5Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 6Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 7Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 8Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 9Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 10Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 11Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 12Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Micrel, Inc.
SY87729L
July 2011
9
M9999-072111-G
hbwhelp@micrel.com
Whereas P sets the integer part of the multiplication
factor from input to output frequency, the control circuit
determines the fractional part. By mixing the output of
the P and P-1 dividers correctly, the control circuit can
fashion any output frequency from P-1 times the input to
P times the input, as long as that ratio can be expressed
as a ratio of integers.
Figure 2. 11/3 Example
Figure 2 shows an example generating an output
frequency 3⅔ times the input frequency. Since the
output frequency is between 3 and 4 times the input, P is
set to 4. We need to select the P divider twice, and
select the P-1 divider once. Multiplying by 4 two times
out of three, and multiplying by 3 one time out of three,
averages to a multiplication of 3⅔.
The top waveform is the reference input. The bottom
waveform is the multiplied output. The waveform in the
middle shows those edges from the output that most
closely matches a corresponding reference waveform
edge.
The control circuit must generate a repeating pattern to
the mux of something like “101,” so that the P divider is
selected twice, and the P-1 divider is selected once,
every three reference edges.
Fractional-N Phase-Frequency Detector
This circuit, besides generating “pump up” and “pump
down” signals, also generates delta phase signals for
use by the lock detect circuit.
This detector circuit also accepts a gating signal from the
Fractional-N control block. When gated, the phase
detector generates neither pump up nor pump down
pulses.
Fractional-N Charge Pump
This circuit converts the “pump up” and “pump down”
signals from the phase-frequency detector into current
pulses. An external loop filter integrates these current
pulses into a control voltage.
Charge pump current is selectable. This modifies loop
gain as follows:
During acquisition of the reference, the charge
pump current is fixed at 20µA. Once the
acquisition sequencer has completed center
frequency trimming, then it changes the current
of this charge pump to 50µA.
Fractional-N VCO
This circuit converts the voltage integrated by the
external loop filter into a digital clock stream. The
frequency of this clock varies based on this control
voltage. This VCO has a coarse and a fine input, with a
combined range of 540MHz to 729MHz. The coarse
input trims the VCO, as described below, so that its
center frequency rests near the target frequency to
generate. The fine adjustment forms part of the closed
loop. VCO gain is nominally 200MHz per volt.
Fractional-N P/P-1 Divider
This is the main divider for the fractional-N loop. The
logical value of the output of the control block (Figure 1)
defines whether the divider divides by P (values shown
in Table 1) or by P-1. The expression for the fractional
division becomes:
Fractional Division = P
± ()⎥⎥
+
±
±
P
Q
1
P
Q
1
P
Q
Where QP is the number or reference clock periods
during which the divider must divide by P and QP–1 is the
number of reference clock periods during which the
divider must divide by P-1.
or (408) 955-1690


Similar Part No. - SY87729LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729LHYTR MICREL-SY87729LHYTR Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729LHYTR MICREL-SY87729LHYTR Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
More results

Similar Description - SY87729LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com