Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87813L Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87813L
Description  3-Port 10/100 Integrated Switch with PHY and Frame Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87813L Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87813L Datasheet HTML 2Page - Micrel Semiconductor SY87813L Datasheet HTML 3Page - Micrel Semiconductor SY87813L Datasheet HTML 4Page - Micrel Semiconductor SY87813L Datasheet HTML 5Page - Micrel Semiconductor SY87813L Datasheet HTML 6Page - Micrel Semiconductor SY87813L Datasheet HTML 7Page - Micrel Semiconductor SY87813L Datasheet HTML 8Page - Micrel Semiconductor SY87813L Datasheet HTML 9Page - Micrel Semiconductor SY87813L Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
KS8993
Micrel
KS8993
6
April 2009
Pin Description
Pin Number
Pin Name
Type(Note 1)
Port
Pin Function
1
GND_ANA
GND
Analog ground
2
MUX[2]
I
Factory test pin
3
MUX[1]
I
Factory test pin
4
GND_RX[1]
GND
1
Ground for receiver
5
RXP[1]
I
1
Physical receive signal + (differential)
6
RXM[1]
I
1
Physical receive signal - (differential)
7
VDD_RX[1]
Pwr
1
2.5V for receiver
8
VREF[1]
O
1
Reference voltage for transmit transformer center tap
9
TXP[1]
O
1
Physical transmit signal + (differential)
10
TXM[1]
O
1
Physical transmit signal - (differential)
11
GND_TX[1]
GND
1
Ground for transmit circuitry
12
VDD_TX[1]
Pwr
1
2.5V for transmit circuitry
13
VDD_BG
Pwr
2.5V for analog circuitry
14
ISET
O
Set physical transmit output current
15
GND_BG
GND
Ground for analog circuitry
16
GND_PLL
GND
Ground for phase locked loop circuitry
17
VDD_PLL
Pwr
2.5V for phase locked loop circuitry
18
GND_RX[2]
GND
2
Ground for receiver
19
RXP[2]
I
2
Physical receive signal + (differential)
20
RXM[2]
I
2
Physical receive signal - (differential)
21
VDD_RX[2]
Pwr
2
2.5V for receiver
22
VREF[2]
O
2
Reference voltage for transmit transformer center tap
23
TXP[2]
O
2
Physical transmit signal + (differential)
24
TXM[2]
O
2
Physical transmit signal - (differential)
25
GND_TX[2]
GND
2
Ground for transmit circuitry
26
VDD_TX[2]
Pwr
2
2.5V for transmit circuitry
27
VDD_TX[3]
Pwr
3
2.5V for transmit circuitry
28
GND_TX[3]
GND
3
Ground for transmit circuitry
29
TXP[3]
O
3
Physical transmit signal + (differential)
30
TXM[3]
O
3
Physical transmit signal - (differential)
31
VREF[3]
O
3
Reference voltage for transmit transformer center tap
32
VDD_RX[3]
Pwr
3
2.5V for receiver
33
RXP[3]
I
3
Physical receive signal + (differential)
34
RXM[3]
I
3
Physical receive signal - (differential)
35
GND_RX[3]
GND
3
Ground for receiver
36
FXSD[2]
I
2
Fiber signal detect
37
FXSD[3]
I
3
Fiber signal detect
38
GND_ANA
GND
Analog ground
Note 1.
Pwr = power supply
GND = ground
I = input
O = output
I/O = bi-directional


Similar Part No. - SY87813L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813LHG MICREL-SY87813LHG Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813LHGTR MICREL-SY87813LHGTR Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results

Similar Description - SY87813L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
   Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com