Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88024LMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88024LMG
Description  11.3Gbps VCSEL DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88024LMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88024LMG Datasheet HTML 1Page - Micrel Semiconductor SY88024LMG Datasheet HTML 2Page - Micrel Semiconductor SY88024LMG Datasheet HTML 3Page - Micrel Semiconductor SY88024LMG Datasheet HTML 4Page - Micrel Semiconductor SY88024LMG Datasheet HTML 5Page - Micrel Semiconductor SY88024LMG Datasheet HTML 6Page - Micrel Semiconductor SY88024LMG Datasheet HTML 7Page - Micrel Semiconductor SY88024LMG Datasheet HTML 8Page - Micrel Semiconductor SY88024LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
SY88024L
October 2009
2
M9999-102809-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Voltage
Temperature Range
Package
Lead Finish
SY88024LMG
3.3V
–40° to +85°C
QFN-16
NiPdAu Pb-Free
SY88024LMGTR
(2)
3.3V
–40° to +85°C
QFN-16
NiPdAu Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = +25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
16-Pin QFN


Similar Part No. - SY88024LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMG MICREL-SY88022ALMG Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMGTR MICREL-SY88022ALMGTR Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022LMG MICREL-SY88022LMG Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
More results

Similar Description - SY88024LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
logo
TriQuint Semiconductor
TGA4195-SM TRIQUINT-TGA4195-SM_15 Datasheet
208Kb / 1P
   11.3Gbps EML Driver
logo
Qorvo, Inc
TGA4195-SM QORVO-TGA4195-SM Datasheet
208Kb / 1P
   11.3Gbps EML Driver
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
IC-Haus GmbH
IC-HV ICHAUS-IC-HV Datasheet
444Kb / 8P
   VCSEL ARRAY DRIVER
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
logo
Integrated Device Techn...
HXT6101 IDT-HXT6101 Datasheet
40Kb / 2P
   16Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3905 MAXIM-MAX3905 Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com